Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6577 Datasheet HTML 5Page - Silicon Standard Corp. SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. SS6577 Datasheet HTML 10Page - Silicon Standard Corp. SS6577 Datasheet HTML 11Page - Silicon Standard Corp. SS6577 Datasheet HTML 12Page - Silicon Standard Corp. SS6577 Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.SiliconStandard.com
9 of 14
SS6577
Rev.1.02 3/26/2004
MAX
I
100mV
S
R
=
in the voltage of VFB pin. Thus the ITH/RUN voltage
remains increasing until the average inductor cur-
rent matches new load current. While the high-side
MOSFET turns off, the low-side MOSFET is turned
on to recharge bootstrap capacitor C3.
Inductor Selection
With the high operating frequency of 500KHz,
smaller inductor values are possible. In general,
operating at high frequency will cause low efficiency
because of large MOSFET switching loss. Thus the
effect of inductor value on ripple current and low
current operation must be considered as well.
Main control loop is shutdown when ITH/RUN goes
below 0.8V. When ITH/RUN pulled up to 0.8V or up
by error amplifier, main control loop is enabled.
Low Current Operation
During heavy load current operation, the SS6577 op-
erates in PWM mode with a frequency of 500KHz.
Decreasing of the current will cause a drop in
ITH/RUN below 1.33V so that the SS6577 enters PFM
mode operation for better efficiency. If the voltage
across RS does not exceed the offset of current
comparator within a cycle, then the high-side and
internal MOSFETs will disable until ITH/RUN goes
over 1.33V.
The inductor value has a direct influence on ripple
current ( Δ IL), which decreases with high induc-
tance and increases with high VIN or VOUT:
+
+
×
−
=
D
V
IN
V
D
V
OUT
V
L
f
OUT
V
IN
V
L
∆I
VD is the drop voltage of the output Schottky diode.
Accepting a large value ofΔIL allows the use of low
inductance, but yields high output ripple voltage
and large core loss. The inductor value also has an
effect on low current operation. Low inductor value
causes the PFM operation to begin at high load cur-
rent. The efficiency of the circuit decreases at the
beginning of low current operation. Generally
speaking, low inductance in PFM mode will cause
the efficiency to decrease.
Component Selection
The SS6
577 can be used in many switching regulator
applications, such as step-down, step-up, SEPIC
and positive-to-negative converters. Among these
step-down converter is the most common applica-
tion. External component selection, beginning with
selecting RS, depends on load requirement of the
application. Once RS is decided, the choice of in-
ductor, which is followed by selecting power
MOSFET and diode, can be easily chosen. Finally,
CIN and COUT can be determined.
Power MOSFET Selection
For an application of SS65577, an external N-
channel power MOSFET, used as the high-side
switch, must be properly selected. To prevent
MOSFET damage during high input voltage
operation, attention should be given to the BVDSS
specification of the MOSFET.
RS Selection
The choice of RS has substantial connection with
required output current. The threshold voltage of
current comparator decides peak inductor current,
which yields a maximum average output current
(IMAX), and the peak current is less than half of the
peak-to-peak ripple current, ΔIL.
Other important selection criteria for the power
MOSFET include the “ON” resistance RDS(ON), in-
put voltage and maximum output current.
Allowing a margin for variation of the SS6577, external
components can be calculated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com