Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. SS6577 Datasheet HTML 10Page - Silicon Standard Corp. SS6577 Datasheet HTML 11Page - Silicon Standard Corp. SS6577 Datasheet HTML 12Page - Silicon Standard Corp. SS6577 Datasheet HTML 13Page - Silicon Standard Corp. SS6577 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.SiliconStandard.com
12 of 14
SS6577
Rev.1.02 3/26/2004
Fig. 14 Placement (Top Overlay)
Fig. 15 Placement (Bottom Overlay)
APPLICATION EXAMPLES
VIN 6V~24V
+
CIN1
22
µF
RS
33m
M1
SSM6680M
C3
0.1
µF
D1
SL43
L1
10
µH
VOUT 3.3V 3A
C1
1000pF
C5
330pF
R3
24k
R2
62k
R1
20k
VIN
8
ITH/RUN
2
FB
3
GND
4
SW
5
DRI
6
BOOST
7
CS
1
SS6
577
+ CIN2
22
µF
C2
0.1
µF
COUT
220
µF
C4
1nF
D2
LL4148
C7
1
µF
R4
1.2M
VIN 6V~24V
**
C6
2.2
µF
Fig. 16 3.3V Step-Down Converter with External Soft-Start Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com