Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6577 Datasheet HTML 4Page - Silicon Standard Corp. SS6577 Datasheet HTML 5Page - Silicon Standard Corp. SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. SS6577 Datasheet HTML 10Page - Silicon Standard Corp. SS6577 Datasheet HTML 11Page - Silicon Standard Corp. SS6577 Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.SiliconStandard.com
8 of 14
SS6577
Rev.1.02 3/26/2004
PIN DESCRIPTIONS
PIN 1: CS
- Current sense comparator invert-
ing input, not to exceed VIN volt-
age. Built in offsets between the
CS and VIN pins in conjunction
with RSENSE set the current trip
thresholds.
PIN 2: ITH/RUN -Combination of error amplifier
compensation point and run con-
trol inputs. The current compara-
tor threshold increases with this
control voltage. Forcing this pin
below 0.8V causes the device to
be shutdown.
PIN 3: FB
- Feedback error amplifier input, to
compare the feedback voltage
with the internal reference voltage.
Connecting a resistor R2 to con-
verter output node and a resistor
R1 to ground yields the output
voltage:
VOUT=0.8 x (R1+R2)/ R1
PIN4: GND - Singal GND for IC. All voltage lev-
els are measured with respect to
this pin.
PIN 5: SW
- Switch node connection to induc-
tor. In buck converter applications
the voltage swing at this pin is
from a schottky diode voltage
drop below ground to VIN
PIN 6: DRI - External
high-side
N-MOSFET
gate drive pin. Connect DRI to
gate of the external high-side N-
MOSFET.
PIN 7: BOOST- Supply to high-side floating
driver. The bootstrap capacitor C3
is returned to this pin.
PIN 8: VIN - The chip power supply pin. It also
provides the gate bias charge for
all the MOSFETs controlled by
the IC. Recommend supply volt-
age is 4.5V~24V.
APPLICATION INFORMATION
Introduction
The SS6
577 is a current mode switching regulator
controller that drives an external N-channel power
MOSFET with constant frequency architecture. It
uses an external divider to adjust output voltage with
excellent line regulation and load regulation. A
maximum high duty cycle limit of 95% provides low
dropout operation, which extends operating time in
battery-operated system.
Wide input voltage ranges from 4.5V to 24V, and
a
switching frequency of 500KHz allows smaller sized
filter components. The operating current level is
user-programmable via an external current sense
resistor and it automatically enters PFM operation
at low output current to boost circuit efficiency.
A multifunction pin (ITH/RUN) allows external com-
pensation plus shutdown. A built-in soft start can
properly provide sequenced supplies. Available
packages are SOP8 and MSOP8 for SMD.
Principle of Operation
The SS6
577 uses a current mode with a constant
fre
quency architecture. Normally high-side MOSFET
turns on each cycle when oscillator sets RS latch
and it turns off when internal current comparator re-
sets RS latch. Voltage on ITH/RUN pin, which is the
output voltage of voltage error amplifier, will control
peak inductor current. The output voltage feeds
back to VFB pin so that the error amplifier receives
a voltage through external resistor divider. When
load current increases, it causes a slight decrease



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com