Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. SS6577 Datasheet HTML 10Page - Silicon Standard Corp. SS6577 Datasheet HTML 11Page - Silicon Standard Corp. SS6577 Datasheet HTML 12Page - Silicon Standard Corp. SS6577 Datasheet HTML 13Page - Silicon Standard Corp. SS6577 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.SiliconStandard.com
10 of 14
SS6577
Rev.1.02 3/26/2004
Output Diode Selection
 +
=
1
R
2
R
1
V
8
.
0
VOUT
In order not to exceed the diode ratings, it is impor-
tant to specify the diode peak current and average
power dissipation.
The feedback reference voltage 0.8V allows low
output voltages from 0.8V to input voltage. A small
capacitor at 1nF in parallel to the upper feedback
resistor is required for a stable feedback.
CIN and COUT Selection
To prevent the high voltage spike resulted from high
frequency switching, a low ESR input capacitor for
the maximum RMS current must be used. Usually
capacitors may be paralleled to meet size or height
requirements in the design.
ITH/RUN Function
The ITH/RUN pin, also as a dual-purpose pin, pro-
vides loop compensation as well as shutdown func-
tion. An internal current source at 2.5
µA charges up
the external capacitor C5. When the voltage on
ITH/RUN pin reaches 0.8V, the SS6577 begins to
operate.
The selection of COUT depends on the required ef-
fective series resistance (ESR). In general once the
ESR requirement is met, the capacitance is suitable
for filtering. The output ripple voltage (ΔVOUT) is
determined by:
C5
330pF
R3
24k
D2
LL4148
C7
1
µF
R4
1.2M
VIN 4.5V~24V
ITH/RUN


+
∆
≈
∆
OUT
L
OUT
fC
4
1
ESR
I
V
where f = operating frequency, COUT = output ca-
pacitance and ΔIL = ripple current of the inductor.
Once the ESR requirement for COUT has been met,
the RMS current rating generally far exceeds the
IRIPPLE(P-P) requirement.
Fig. 12 ITH/RUN pin interfacing
Topside MOSFET Driver Supply (C3)
External bootstrap capacitor C3 connecting to
BOOST pin supplies the gate drive voltage for high-
side MOSFET. C3 is charged from INTVCC when
SW pin is low. When the high-side MOSFET turns
on, the driver places the C3 voltage across the gate
to the source of MOSFET. It will enhance the
MOSFET and turn on the high-side switch. Then
the switch node voltage SW rises to VIN and
BOOST pin rises to VIN + INTVCC. In general,
0.1
µF is acceptable.
Over Current Protection
Over current protection occurs when the peak in-
ductor current reaches maximum current sense
threshold divided by sense resistor. The maximum
current under over current protection can be calcu-
lated by the following formula.
S
R
threshold)
sense
current
mum
150mV(Maxi
MAX
I
=
At the same time, the frequency of oscillator will be
reduced to sixteenth of original value, 500kHz. This
lower frequency allows the inductor current to
safely discharge, thereby preventing current run-
away. The frequency of oscillator will automatically
Output Voltage Programming
The typical SS6577 application circuit is shown in
figure17. A resistive divider, as in the following for-
mula, sets the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com