Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6577 Datasheet HTML 1Page - Silicon Standard Corp. SS6577 Datasheet HTML 2Page - Silicon Standard Corp. SS6577 Datasheet HTML 3Page - Silicon Standard Corp. SS6577 Datasheet HTML 4Page - Silicon Standard Corp. SS6577 Datasheet HTML 5Page - Silicon Standard Corp. SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.SiliconStandard.com
5 of 14
SS6577
Rev.1.02 3/26/2004
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Input Voltage (V)
Fig. 3 Efficiency vs Input Voltage
0
5
10
15
20
25
30
70
75
80
85
90
95
100
VOUT=3.3V
ILOAD=1A
ILOAD=0.1
A
Input Voltage (V)
Fig. 4 Efficiency vs Input Voltage
0
5
10
15
20
25
30
70
75
80
85
90
95
100
VOUT=5V
ILOAD=1A
ILOAD=0.1A
Input Voltage (V)
Fig. 5 Supply Current vs Input Voltage
0
5
10
15
20
25
30
0
20
40
500
600
700
800
900
Normal Mode
Shutdown
Boost Load Current (mA)
Fig. 6 Boost Load Regulation
0
VCC=5V
VCC=15V
VPHASE=0V
0
510
15
20
1
2
3
4
5
6
7
Input Voltage (V)
Fig. 7 Boost Line Regulation
IBOOST=2mA
VPHASE=0V
0
5
10
15
20
25
30
1
3
5
7
0
2
4
6
VCC DOWN
VCC UP
Temperature (
°C)
Fig. 8 Reference Voltage vs Temperature
-40
-20
0
20
40
60
80
100
120
140
0.790
0.791
0.792
0.793
0.794
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
0.804
0.805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com