Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
07 of 19
DF-C/D Dielectric Filters
Preview
Token two block-type dielectric RF filters have been designed for cellular basestation applications that use a
digital pre-distortion amplifier (DPD), as they feature a wide pass band and flat ripple performance, which are
required for DPD PA design.
Applications also include RF and microwave communications such as satellite and TV transmission, wireless
security systems, radar, GSM, 3G, GPS, CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz Cordless Phone,
wireless earphone, wireless microphone, aerospace and military.
The (DF-C/D) filter’s small size (4.5 x 4.5 x 2.0 mm) means they require more less mounting space with a ripple
of 1.0 dB max and insertion loss 2.0 (dB) max. Center frequency range from 1575 MHz to 5800 MHz with
V.S.W.R 2.0 max.
The surface mount RF Dielectric Filters (DF-C/D) conform to the RoHS directive and package is suitable for
automatic pick and place equipment which assures mechanical stability and excellent lead coplanarity. Customed
designs and tighter tolerances are available on request. Application of specific designs also available including
different Dielectric values and Q specifications adjusted to frequency requirements.
Dielectric Filters
(DF-C/D)
Token Two Block-Type Dielectric Filters (DF-C/D)
range up to 5.8GHz
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com