Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 19 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 19 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 19Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19 of 19
BP-S BandPass Filters
How to Order
BP
3
4R
1765
S
Back to 1st Page - Dielectric Band Pass Filters - BP-S
30
A
Band Pass Filter
Thickness
Number of Resonator
Center Frequency (MHz)
Connect type s: SMD type
BandWidth
Code
BandWidth
10
10MHz
30
30MHz
60
60MHz
Version
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com