Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 15 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 15 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 19Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15 of 19
LJ Dielectric Filters
Preview
Token electronics manufacturing microwave dielectric filters, multi-layer filters, cavity filters, band-pass filter,
military filters, high-frequency filters and so on, using high dielectric coefficient material and dielectric ceramics
to meet specific design requirements, in line with RoHS standard.
Surface mount RF dielectric filters are mounted in a through hole package which assures mechanical stability
and excellent lead coplanarity. RF dielectric filters can be customed designs and tighter tolerances available on
request. Products conform to the RoHS directive and Lead-free.
LJ Series with a stable temperature coefficient, small size, high stability, low insertion loss, good weldability.
Dielectric band-pass filter for use in microwave communications, data transmission, radar, electronic warfare,
military, aerospace and other fields.
Features
- Low insertion loss.
- Temperature compensated.
- High frequency selectivity.
- small and light.
Applications
- Base station.
- Military affairs.
- Trunked radio system.
- Cellular, Cordless phone.
Dielectric Filters (LJ)
Low Insertion Loss Type Dielectric Filters (LJ) Series
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com