Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 16 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 16 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 19Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16 of 19
LJ Dielectric Filters
Dimensions (Unit: mm)
Typical Specifications
Typical Characteristic
30.0
21.0
2-0.8
8.0
Part No.
Center Frequency
fo(MHz)
Band Width
(MHz)
Insertion Loss
(dB) max.
Ripple in Band
Width(dB)max.
V.S.W.R
max.
Attenuation
(dB) min.(MHz)
LJ900-C-A
900
fo±10
2.5
0.5
1.5
50 at fo±100
LJ1200-C-B
1200
fo±15
2.0
0.8
2.0
50 at fo±110
LJ950-D-B
950
fo±10
2.5
0.5
1.5
60 at fo ±100
LJ1250-D-B
1250
fo±15
2.0
0.8
2.0
60 at fo ±110
2:Refection SWR
0.2/
Ref 1.000
Meas1.3:Mkr1 0.000 MHz
0.000dB
Meas2:Mkr1 1067.5.00MHz
1.210dB
Center 1 067.500MHZ
Span 300.000MHZ
2
1
1
2
3
2:Refection
SWR
5.0/ Ref 0.00dB
dB
10
-10
-20
-30
-40
-50
-60
-70
Center 1 067.500MHZ
Span 300.000MHZ
Meas 1:Mkr1 0.000 MHz
0.000dB
Meas 2:Mkr1 1067.5.00 MHz
-20.456dB
1
2
3
Dielectric Filter
Center Frequency (MHz)
Number of Resonator
Band Width
Code
Number of Resonator
C
3
D
4
Code
Band Width
A
10 MHz
B
20 MHz
How to Order
DF
3
3R
815
-
Back to 1st Page - Dielectric Filters - LJ
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com