Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 17 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 17 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 19Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17 of 19
BP-S BandPass Filters
Preview
BP-S series of microwave dielectric bandpass filter series with a high dielectric constant, is the best microwave
filters and oscillators.
Token Ceramic Dielectric material has a high dielectric constant and high Q values, and high temperature
stability, especially for the design and stability of the microwave oscillations and filtering. German bond
ceramic media for CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz cordless phones, wireless headsets, wireless
microphones.
Token electronics manufacturing microwave dielectric filters, multi-layer filters, cavity filters, band-pass filter,
military filters, and high-frequency filters, using low insertion loss, high Q, high frequency selectivity, and
microwave dielectric ceramics to meet specific design requirements. Comply with RoHS standards.
BP-S series of dielectric filters and stable temperature coefficient, small size and high stability, low insertion loss
and good weldability. Dielectric band-pass filter for use in microwave communications, data transmission, radar,
electronic warfare, military, aerospace and other fields.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features
- Low insertion loss.
- High frequency selectivity.
- Temperature compensated.
- SMD Package, small and light.
Applications
- Base station.
- Military affairs.
- Trunked radio system.
- Cellular, Cordless phone.
Dielectric
BandPass Filters
(BP-S)
Token (BP-S) Series For
High Performance Microwave Filters and Oscillators
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com