Electronic Components Datasheet Search
  English  ▼

X  

DF710S08B Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # DF710S08B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF710S08B Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button DF710S08B Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. DF710S08B Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
06 of 19
DF-B Dielectric Filters
How to Order
DF
836
S
20
B
Back to 1st Page - Dielectric Filters DF-B
►1:Transmission Log Mag 10.0dB/Ref 0.00dB
2:Refection
SWR
0.2/ Ref
1.000
dB
10
1:
-10
-20
-30
-40
-50
-60
-70
2:
Center 904.000MHZ
Span 300.000MHZ
2
1
Meas 1:Mkr1 907.000 MHz
-2.381dB
Meas 2:Mkr1 904.000 MHz
1.153
3
2
2
3
1
1
►1:Transmission Log Mag 10.0dB/Ref 0.00dB
2:Refection SWR 0.2/ Ref
1.000
Meas 1:Mkr1 927.000 MHz
-3.296dB
Meas 2:Mkr1 927.000 MHz
1.302
dB
10
1:
-10
-20
-30
-40
-50
-60
-70
2:
2
3
2
3
1
2
1
1
Center 927.000MHZ
Span 200.000MHZ
Code
Size
A
7.3*3.6 mm
B
6.0*3.0 mm
C
4.5*2.0 mm
D
3.6*1.8 mm
Dielectric Filter
Center Frequency
Connect Type :
Bandwidth
Size
Code
Size
S
SMD type
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com