Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
2 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
Latch-up performance exceeds 100 mA per JESD 78 Class II
±24 mA output drive (V
CC = 3.0 V)
Inputs accept voltages up to 5.5 V
Low power consumption: 16
μA maximum I
CC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
−40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1T45GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVCH1T45GW
74LVC1T45GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVCH1T45GM
74LVC1T45GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
74LVCH1T45GF
Table 2.
Marking
Type number
Marking code[1]
74LVC1T45GW
V5
74LVCH1T45GW
X5
74LVC1T45GM
V5
74LVCH1T45GM
X5
74LVC1T45GF
V5
74LVCH1T45GF
X5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com