Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
5 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the input port.
10. Static characteristics
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
To guarantee the node switches, an external driver must source/sink at least IBHLO / IBHHO when the input is in the range VIL to VIH.
VO
output voltage
Active mode
[1] 0
VCCO
V
Suspend or 3-state mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCCI = 1.2 V
[2] -
20
ns/V
VCCI = 1.4 V to 1.95 V
-
20
ns/V
VCCI = 2.3 V to 2.7 V
-
20
ns/V
VCCI = 3 V to 3.6 V
-
10
ns/V
VCCI = 4.5 V to 5.5 V
-
5
ns/V
Table 6.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Typical static characteristics at Tamb = 25 °C
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
[1]
IO = −3 mA; VCCO = 1.2 V
-
1.09
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 3 mA; VCCO = 1.2 V
[1] -
0.07
-
V
II
input leakage current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
[2] -
-
±1
μA
IBHL
bus hold LOW current
A or B port; VI = 0.42 V; VCCI = 1.2 V
[2] -
19
-
μA
IBHH
bus hold HIGH current
A or B port; VI = 0.78 V; VCCI = 1.2 V
[2] -
−19
-
μA
IBHLO
bus hold LOW overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -
19
-
μA
IBHHO
bus hold HIGH overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -
−19
-
μA
IOZ
OFF-state output current
A or B port; VO = 0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[1] -
-
±1
μA
IOFF
power-off leakage current
A port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V; VCC(B) = 1.2 V to 5.5 V
-
-
±1
μA
B port; VI or VO = 0 V to 5.5 V;
VCC(B) = 0 V; VCC(A) = 1.2 V to 5.5 V
-
-
±1
μA
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) = VCC(B) = 3.3 V
-
2.2
-
pF
CI/O
input/output capacitance
A and B port; suspend mode;
VO = 3.3 V or 0 V; VCC(A) = VCC(B) = 3.3 V
-
6.0
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com