Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
6 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
data input
[2]
VCCI = 1.2 V
0.8VCCI
-
0.8VCCI
-
V
VCCI = 1.4 V to 1.95 V
0.65VCCI
-
0.65VCCI
-
V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VCCI = 4.5 V to 5.5 V
0.7VCCI
-
0.7VCCI
-
V
DIR input
VCCI = 1.2 V
0.8VCC(A)
-
0.8VCC(A)
-
V
VCCI = 1.4 V to 1.95 V
0.65VCC(A)
-
0.65VCC(A)
-
V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VCCI = 4.5 V to 5.5 V
0.7VCC(A)
-
0.7VCC(A)
-
V
VIL
LOW-level
input voltage
data input
[2]
VCCI = 1.2 V
-
0.2VCCI
-
0.2VCCI
V
VCCI = 1.4 V to 1.95 V
-
0.35VCCI
-
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCCI
-
0.3VCCI
V
DIR input
VCCI = 1.2 V
-
0.2VCC(A)
-
0.2VCC(A) V
VCCI = 1.4 V to 1.95 V
-
0.35VCC(A)
-
0.35VCC(A) V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCC(A)
-
0.3VCC(A) V
VOH
HIGH-level
output voltage
VI = VIH
IO = −100 μA;
VCCO = 1.2 V to 4.5 V
[1]
VCCO − 0.1
-
VCCO − 0.1
-
V
IO = −6 mA; VCCO = 1.4 V
1.0
-
1.0
-
V
IO = −8 mA; VCCO = 1.65 V
1.2
-
1.2
-
V
IO = −12 mA; VCCO = 2.3 V
1.9
-
1.9
-
V
IO = −24 mA; VCCO = 3.0 V
2.4
-
2.4
-
V
IO = −32 mA; VCCO = 4.5 V
3.8
-
3.8
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com