Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC1T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
4 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The input circuit of the data I/O is always active.
[3]
When either VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
8.
Limiting values
[1]
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 6.5 V.
[4]
For SC-88 package: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Supply voltage
Input
Input/output[2]
VCC(A), VCC(B)
DIR
A
B
1.2 V to 5.5 V
L
A = B
input
1.2 V to 5.5 V
H
input
B = A
GND[3]
X
Z
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
−0.5
+6.5
V
VCC(B)
supply voltage B
−0.5
+6.5
V
IIK
input clamping current
VI < 0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO < 0 V
−50
-
mA
VO
output voltage
Active mode
[1][2][3]
−0.5
VCCO + 0.5
V
Suspend or 3-state mode
[1]
−0.5
+6.5
V
IO
output current
VO = 0 V to VCCO
[2] -
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[4] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.2
5.5
V
VCC(B)
supply voltage B
1.2
5.5
V
VI
input voltage
0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com