Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 10Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 11Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
8 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
To guarantee the node switches, an external driver must source/sink at least IBHLO / IBHHO when the input is in the range VIL to VIH.
[4]
For non bus hold parts only (74LVC1T45).
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V;
VCC(B) = 1.2 V to 5.5 V
-
±2
-
±10
μA
B port; VI or VO = 0 V to 5.5 V;
VCC(B) = 0 V;
VCC(A) = 1.2 V to 5.5 V
-
±2
-
±10
μA
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
[2]
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
8
-
8
μA
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
3
-
3
μA
VCC(A) = 5.5 V; VCC(B) = 0 V
-
2
-
2
μA
VCC(A) = 0 V; VCC(B) = 5.5 V
−2
-
−2
-
μA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
8
-
8
μA
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
3
-
3
μA
VCC(B) = 5.5 V; VCC(A) = 0 V
-
2
-
2
μA
VCC(B) = 0 V; VCC(A) = 5.5 V
−2
-
−2
-
μA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
16
-
16
μA
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
4
-
4
μA
ΔI
CC
additional
supply current
VCC(A), VCC(B) = 3.0 V to 5.5 V
A port; A port at VCC(A) − 0.6 V;
DIR at VCC(A); B port = open
[4]
-
50
-
75
μA
DIR input; DIR at VCC(A) − 0.6 V;
A port at VCC(A) or GND;
B port = open
-
50
-
75
μA
B port; B port at VCC(B) − 0.6 V;
DIR at GND; A port = open
[4]
-
50
-
75
μA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com