Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
3 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag885
VCC(B)
VCC(A)
5
DIR
3
A
B
4
001aag886
VCC(B)
VCC(A)
DIR
A
B
Fig 3.
Pin configuration SOT363
(SC-88)
Fig 4.
Pin configuration SOT886
(XSON6)
Fig 5.
Pin configuration SOT891
74LVC1T45
74LVCH1T45
VCC(A)
VCC(B)
GND
AB
001aaj991
1
2
3
6
DIR
5
4
74LVC1T45
74LVCH1T45
GND
001aaj992
VCC(A)
A
DIR
VCC(B)
B
Transparent top view
2
3
1
5
4
6
74LVC1T45
74LVCH1T45
GND
001aaj993
VCC(A)
A
DIR
VCC(B)
B
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage port A and DIR
GND
2
ground (0 V)
A
3
data input or output
B
4
data input or output
DIR
5
direction control
VCC(B)
6
supply voltage port B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com