Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 29 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 25Page - Cirrus Logic EP7311 Datasheet HTML 26Page - Cirrus Logic EP7311 Datasheet HTML 27Page - Cirrus Logic EP7311 Datasheet HTML 28Page - Cirrus Logic EP7311 Datasheet HTML 29Page - Cirrus Logic EP7311 Datasheet HTML 30Page - Cirrus Logic EP7311 Datasheet HTML 31Page - Cirrus Logic EP7311 Datasheet HTML 32Page - Cirrus Logic EP7311 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
DS506F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
29
EP7311
High-Performance, Low-Power System on Chip
JTAG Interface
Parameter
Symbol
Min
Max
Units
TCK clock period
tclk_per
2-
ns
TCK clock high time
tclk_high
1-
ns
TCK clock low time
tclk_low
1-
ns
JTAG port setup time
tJPs
-0
ns
JTAG port hold time
tJPh
-3
ns
JTAG port clock to output
tJPco
-10
ns
JTAG port high impedance to valid output
tJPzx
-12
ns
JTAG port valid output to high impedance
tJPxz
-19
ns
TDO
TCK
TDI
TMS
t
JPh
t
clk_high
t
clk_low
t
JPzx
t
JPco
t
JPxz
t
clk_per
t
JPs
Figure 14. JTAG Timing Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com