Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 33 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 29Page - Cirrus Logic EP7311 Datasheet HTML 30Page - Cirrus Logic EP7311 Datasheet HTML 31Page - Cirrus Logic EP7311 Datasheet HTML 32Page - Cirrus Logic EP7311 Datasheet HTML 33Page - Cirrus Logic EP7311 Datasheet HTML 34Page - Cirrus Logic EP7311 Datasheet HTML 35Page - Cirrus Logic EP7311 Datasheet HTML 36Page - Cirrus Logic EP7311 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DS506F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
33
EP7311
High-Performance, Low-Power System on Chip
73
VSSIO
Pad Gnd
74
VDDIO
Pad Pwr
75
DRIVE[1]
I/O
2
High /
Low
76
DRIVE[0]
I/O
2
High /
Low
77
ADCCLK
O
1
Low
78
ADCOUT
O
1
Low
79
SMPCLK
O
1
Low
80
FB[1]
I
81
VSSIO
Pad Gnd
82
FB[0]
I
83
COL[7]
O
1
High
84
COL[6]
O
1
High
85
COL[5]
O
1
High
86
COL[4]
O
1
High
87
COL[3]
O
1
High
88
COL[2]
O
1
High
89
VDDIO
Pad Pwr
90
TCLK
I
91
COL[1]
O
1
High
92
COL[0]
O
1
High
93
BUZ
O
1
Low
94
D[31]
I/O
1
Low
95
D[30]
I/O
1
Low
96
D[29]
I/O
1
Low
97
D[28]
I/O
1
Low
98
VSSIO
Pad Gnd
99
A[27]/DRA[0]
O
2
Low
100
D[27]
I/O
1
Low
101
A[26]/DRA[1]
O
2
Low
102
D[26]
I/O
1
Low
103
A[25]/DRA[2]
O
2
Low
104
D[25]
I/O
1
Low
105
HALFWORD
O
1
Low
106
A[24]/DRA[3]
O
1
Low
107
VDDIO
Pad Pwr
—
108
VSSIO
Pad Gnd
—
109
D[24]
I/O
1
Low
Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin
No.
Signal
Type
Strength
Reset
State
110
A[23]/DRA[4]
O
1
Low
111
D[23]
I/O
1
Low
112
A[22]/DRA[5]
O
1
Low
113
D[22]
I/O
1
Low
114
A[21]/DRA[6]
O
1
Low
115
D[21]
I/O
1
Low
116
VSSIO
Pad Gnd
117
A[20]/DRA[7]
O
1
Low
118
D[20]
I/O
1
Low
119
A[19]/DRA[8]
O
1
Low
120
D[19]
I/O
1
Low
121
A[18]/DRA[9]
O
1
Low
122
D[18]
I/O
1
Low
123
VDDIO
Pad Pwr
124
VSSIO
Pad Gnd
125
nTRST
I
126
A[17]/DRA[10]
O
1
Low
127
D[17]
I/O
1
Low
128
A[16]/DRA[11]
O
1
Low
129
D[16]
I/O
1
Low
130
A[15]/DRA[12]
O
1
Low
131
D[15]
I/O
1
Low
132
A[14]/DRA[13]
O
1
Low
133
D[14]
I/O
1
Low
134
A[13]/DRA[14]
O
1
Low
135
D[13]
I/O
1
Low
136
A[12]
O
1
Low
137
D[12]
I/O
1
Low
138
A[11]
O
1
Low
139
VDDIO
Pad Pwr
140
VSSIO
Pad Gnd
141
D[11]
I/O
1
Low
142
A[10]
O
1
Low
143
D[10]
I/O
1
Low
144
A[9]
O
1
Low
145
D[9]
I/O
1
Low
146
A[8]
O
1
Low
147
D[8]
I/O
1
Low
Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin
No.
Signal
Type
Strength
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com