Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 32 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 28Page - Cirrus Logic EP7311 Datasheet HTML 29Page - Cirrus Logic EP7311 Datasheet HTML 30Page - Cirrus Logic EP7311 Datasheet HTML 31Page - Cirrus Logic EP7311 Datasheet HTML 32Page - Cirrus Logic EP7311 Datasheet HTML 33Page - Cirrus Logic EP7311 Datasheet HTML 34Page - Cirrus Logic EP7311 Datasheet HTML 35Page - Cirrus Logic EP7311 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
32
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
DS506F1
EP7311
High-Performance, Low-Power System on Chip
208-Pin LQFP Numeric Pin Listing
Table T. 208-Pin LQFP Numeric Pin Listing
Pin
No.
Signal
Type
Strength
Reset
State
1nCS[5]
O
1
Low
2
VDDIO
Pad Pwr
3
VSSIO
Pad Gnd
4
EXPCLK
I/O
1
5WORD
Out
1
Low
6
WRITE/nSDRAS
Out
1
Low
7
RUN/CLKEN
O
1
Low
8
EXPRDY
I
1
9
TXD[2]
O
1
High
10
RXD[2]
I
11
TDI
I
with p/u*
12
VSSIO
Pad Gnd
13
PB[7]
I/O
1
Input
14
PB[6]
I/O
1
Input
15
PB[5]
I/O
1
Input
16
PB[4]
I/O
1
Input
17
PB[3]
I/O
1
Input
18
PB[2]
I/O
1
Input
19
PB[1]/PRDY2
I/O
1
Input
20
PB[0]/PRDY1
I/O
1
Input
21
VDDIO
Pad Pwr
22
TDO
O
1
Three state
23
PA[7]
I/O
1
Input
24
PA[6]
I/O
1
Input
25
PA[5]
I/O
1
Input
26
PA[4]
I/O
1
Input
27
PA[3]
I/O
1
Input
28
PA[2]
I/O
1
Input
29
PA[1]
I/O
1
Input
30
PA[0]
I/O
1
Input
31
LEDDRV
O
1
Low
32
TXD[1]
O
1
High
33
VSSIO
Pad Gnd
1
High
34
PHDIN
I
35
CTS
I
36
RXD[1]
I
37
DCD
I
38
DSR
I
39
nTEST[1]
I
With p/u*
40
nTEST[0]
I
With p/u*
41
EINT[3]
I
42
nEINT[2]
I
43
nEINT[1]
I
44
nEXTFIQ
I
45
PE[2]/CLKSEL
I/O
1
Input
46
PE[1]/
BOOTSEL[1]
I/O
1
Input
47
PE[0]/
BOOTSEL[0]
I/O
1
Input
48
VSSRTC
RTC Gnd
49
RTCOUT
O
50
RTCIN
I
51
VDDRTC
RTC power
52
N/C
53
PD[7]/SDQM[1]
I/O
1
Low
54
PD[6]/SDQM[0]
I/O
1
Low
55
PD[5]
I/O
1
Low
56
PD[4]
I/O
1
Low
57
VDDIO
Pad Pwr
58
TMS
I
with p/u*
59
PD[3]
I/O
1
Low
60
PD[2]
I/O
1
Low
61
PD[1]
I/O
1
Low
62
PD[0]/LEDFLSH
I/O
1
Low
63
SSICLK
I/O
1
Input
64
VSSIO
Pad Gnd
65
SSITXFR
I/O
1
Low
66
SSITXDA
O
1
Low
67
SSIRXDA
I
68
SSIRXFR
I/O
Input
69
ADCIN
I
70
nADCCS
O
1
High
71
VSSCORE
Core Gnd
72
VDDCORE
Core Pwr
Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin
No.
Signal
Type
Strength
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com