Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic CS4297 Datasheet HTML 49Page - Cirrus Logic CS4297 Datasheet HTML 50Page - Cirrus Logic CS4297 Datasheet HTML 51Page - Cirrus Logic CS4297 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
CS4202
48
DS549PP2
9. CLOCKING
The CS4202 may be operated as a primary or sec-
ondary codec. As a primary codec, the system clock
for the AC-link may be generated from an external
24.576 MHz clock source, a 24.576 MHz crystal, or
the internal Phase Locked Loop (PLL). The PLL al-
lows the CS4202 to accept external clock frequen-
cies other than 24.576 MHz. As a secondary codec,
the system clock is derived from BIT_CLK, which is
generated by the primary codec. The CS4202 uses
the presence or absence of a valid clock on the
XTL_IN pin in conjunction with the state of the
ID[1:0]# pins to determine the clocking configura-
tion. See Table 18 for all available CS4202 clocking
modes.
9.1
PLL Operation (External Clock)
The PLL mode is activated if a valid clock is present
on XTL_IN before the rising edge of RESET#. Once
PLL mode is entered, the XTL_OUT pin is redefined
as the PLL loop filter, as shown in Figure 16. The
ID[1:0]# inputs determine the configuration of the
internal divider ratios required to generate the
12.288 MHz BIT_CLK output; see Table 18 on
page 49 for additional details. In PLL mode, the
CS4202 is configured as a primary codec indepen-
dent of the state of the ID[1:0]# pins. If 24.576 MHz
is chosen as the external clock input (ID[1:0]# inputs
both pulled high or left floating), the PLL is disabled
and the clock is used directly. The loop filter is not
required and XTL_OUT is left unconnected. For all
other clock input choices, the loop filter is required.
The ID[1:0] bits of the Extended Audio ID Register
(Index 28h) and the Extended Modem ID Register
(Index 3Ch) will always report ‘00’ in PLL mode.
9.2
24.576 MHz Crystal Operation
If a valid clock is not present on XTL_IN during the
rising edge of RESET#, the device disables the PLL
input and latches the state of the ID[1:0]# inputs. If
the ID[1:0]# inputs are both pulled high or left float-
ing, the device is configured as a primary codec. An
external 24.576 MHz crystal is used as the system
clock as shown in Figure 17.
9.3
Secondary Codec Operation
If a valid clock is not present on XTL_IN and either
ID[1:0]# input is pulled low during the rising edge of
RESET#, the device is determined to be a secondary
codec. The BIT_CLK pin is configured as an input
and the CS4202 is driven from the 12.288 MHz
BIT_CLK of the primary codec. The ID[1:0] bits of
the Extended Audio ID Register (Index 28h) and the
Extended Modem ID Register (Index 3Ch) will re-
port the state of the ID[1:0]# inputs.
Figure 16. PLL External Loop Filter
XTL_OUT
XTL_IN
2.2 k
Ω
0.022 uF
220 pF
Clock Source
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com