Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 14Page - Cirrus Logic CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
CS4202
18
DS549PP2
3.2
AC-Link Serial Data Input Frame
In the serial data input frame, data is passed on the SDATA_IN pin from the CS4202 to the AC ’97 con-
troller. The data format for the input frame is very similar to the output frame. Figure 9 on page 15 illus-
trates the serial port timing.
The PCM capture data from the CS4202 is shifted out MSB first in the most significant 18 bits of each slot.
The least significant 2 bits in each slot will be ‘cleared’. If the host requests PCM data from the AC ’97
Controller that is less than 18 bits wide, the controller should dither and round or just round (but not trun-
cate) to the desired bit depth.
Bits that are reserved or not implemented in the CS4202 will always be returned ‘cleared’.
3.2.1
Serial Data Input Slot Tag Bits (Slot 0)
Codec Ready
Codec Ready. The Codec Ready bit indicates the readiness of the CS4202 AC-link. Immedi-
ately after a Cold Reset this bit will be ‘clear’. Once the CS4202 clocks and voltages are sta-
ble, this bit will be ‘set’. Until the Codec Ready bit is ‘set’, no AC-link transactions should be
attempted by the controller. The Codec Ready bit does not indicate readiness of the DACs,
ADCs, Vref, or any other analog function. Those must be checked in the Powerdown Con-
trol/Status Register (Index 26h) by the controller before any access is made to the mixer reg-
isters. Any accesses to the CS4202 while Codec Ready is ‘clear’ are ignored.
Slot 1 Valid
The Slot 1 Valid bit indicates Slot 1 contains a valid read back address.
Slot 2 Valid
The Slot 2 Valid bit indicates Slot 2 contains valid register read data.
Slot [3:4,6:8,11] Valid The Slot [3:4,6:8,11] Valid bits indicate Slot [3:4,6:8,11] contains valid capture data from the
CS4202 ADCs. If a bit is ‘set’, the corresponding input slot contains valid data. If a bit is
‘cleared’, the corresponding slot will be ignored.
Slot 12 Valid
The Slot 12 Valid bit indicates Slot 12 contains valid GPIO status data.
3.2.2
Status Address Port (Slot 1)
RI[6:0]
Register Index. The RI[6:0] bits echo the AC ’97 register address when a register read has
been requested in the previous frame. The CS4202 will only echo the register index for a read
access. Write accesses will not return valid data in Slot 1.
SR[3:4,6:11]
Slot Request. If SRx is ‘set’, this indicates the CS4202 SRC does not need a new sample on
the next AC-link frame for that particular slot. If SRx is ‘clear’, the SRC indicates a new sample
is needed on the following frame. If the VRA bit in the Extended Audio Status/Control Register
(Index 2Ah) is ‘clear’, the SR[3:4,6:11] bits are always 0. When VRA is ‘set’, the SRC is en-
abled and the SR[3:4,6:11] bits are used to request data.
Bit 15
14
13
12
11
10
9
8
7
654
3210
Codec
Ready
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
0
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
00
Slot 11
Valid
Slot 12
Valid
Reserved
Bit 19
18
17
16
15
14
13
12
11
10
98765432
1
0
Res
RI6
RI5
RI4
RI3
RI2
RI1
RI0
SR3 SR4
0
SR6 SR7 SR8 SR9 SR10 SR11
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com