Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic CS4297 Datasheet HTML 49Page - Cirrus Logic CS4297 Datasheet HTML 50Page - Cirrus Logic CS4297 Datasheet HTML 51Page - Cirrus Logic CS4297 Datasheet HTML 52Page - Cirrus Logic CS4297 Datasheet HTML 53Page - Cirrus Logic CS4297 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
CS4202
50
DS549PP2
10. ANALOG HARDWARE
DESCRIPTION
The analog input section consists of four stereo
line-level
inputs
(LINE_L/R,
CD_L/C/R,
VIDEO_L/R, and AUX_L/R), two selectable
mono microphone inputs (MIC1 and MIC2), and
two mono inputs (PC_BEEP and PHONE). The an-
alog output section consists of a mono output
(MONO_OUT),
a
stereo
headphone
output
(HP_OUT_L/R), and a stereo line-level output
(LINE_OUT_L/R). This section describes the ana-
log hardware needed to interface with these pins.
The designs presented in this section are compliant
with Chapter 17 of Microsoft’s® PC 99 System De-
sign Guide [7] (referred to as PC 99) and Chapter
11 of Microsoft’s® PC 2001 System Design Guide
[8] (referred to as PC 2001). For information on
EMI reduction techniques refer to the application
note AN165: CS4297A/CS4299 EMI Reduction
Techniques [5].
10.1
Analog Inputs
All analog inputs to the CS4202, including CD_C,
should be capacitively coupled to the input pins.
Unused analog inputs should be tied together and
connected through a capacitor to analog ground or
tied to the Vrefout pin directly. The maximum al-
lowed voltage for analog inputs, except the micro-
phone input, is 1 VRMS. The maximum allowed
voltage for the microphone input depends on the
selected boost setting.
10.1.1
Line Inputs
Figure 18 shows circuitry for a line-level stereo in-
put. Replicate this circuit for the Video and Aux in-
puts. This design attenuates the input by 6 dB,
bringing the signal from the PC 99 specified
2VRMS, to the CS4202 maximum allowed 1 VRMS.
10.1.2
CD Input
The CD line-level input has an extra pin, CD_C,
providing a pseudo-differential input for both
CD_L
and
CD_R.
This
pin
takes
the
common-mode noise out of the CD inputs when
connected to the CD analog source ground. Follow-
ing the reference design in Figure 19 provides extra
attenuation of common mode noise coming from
the CD-ROM drive, thereby producing a higher
quality signal. One percent resistors are recom-
mended since closely matched resistor values pro-
vide better common-mode attenuation of unwanted
signals. The circuit shown in Figure 19 can be used
for a 1 VRMS CD input signal.
10.1.3
Microphone Inputs
Figure 20 illustrates an input circuit suitable for dy-
namic and electret microphones. Electret, also
known as phantom-powered, microphones use the
right channel (ring) of the jack for power. The de-
sign also supports the recommended advanced fre-
quency response for voice recognition as specified
in PC 99 and PC 2001. The microphone input of the
CS4202 has an integrated pre-amplifier. Using
combinations of the 10dB bit in the Misc. Crystal
Control Register (Index 60) and the 20dB bit in the
LINE_IN_R
LINE_IN_L
6.8 k
Ω
1.0
µ F
1.0
µ F
AGND
AGND
6.8 k
Ω
6.8 k
Ω
6.8 k
Ω
Figure 18. Line Input (Replicate for Video and AUX)
100
Ω
CD_L
CD_COM
CD_R
1.0
µF
CD_L
CD_R
CD_C
100
Ω
1.0
µF
100
Ω
47 k
Ω
2.2
µF
47 k
Ω
47 k
Ω
AGND
Figure 19. Differential 1 V
RMS CD Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com