Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
CS4202
32
DS549PP2
4.14
Audio Sample Rate Control Registers (Index 2Ch - 32h)
SR[15:0]
Sample Rate Select. The Audio Sample Rate Control Registers (Index 2Ch - 32h) control
playback and capture sample rates. The PCM Front DAC Rate Register (Index 2Ch) controls
the Front Left and Front Right DAC sample rates. The PCM L/R ADC Rate Register
(Index 32h) controls the Left and Right ADC sample rates. There are seven sample rates di-
rectly supported by this register, shown in Table 10. Any value written to this register not con-
tained in Table 10 is not directly supported and will be decoded according to the ranges
indicated in the table. The range boundaries have been chosen so that only bits SR[15:12] of
each register will have to be considered. All register read transactions will reflect the actual
value stored (column 2 in Table 10) and not the one attempted to be written.
Default
BB80h. This value corresponds to 48 kHz sample rate.
Writes to the PCM Front DAC Rate Register (Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h) are only
available in Variable Rate PCM Audio mode when the VRA bit in the Extended Audio Status/Control Register
(Index 2Ah) is ‘set’. If VRA = 0, writes to the register are ignored and the register will always read BB80h.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
Sample Rate
(Hz)
SR[15:0], register
content (hex value)
SR[15:0], decode
range (hex value)
SR[15:12], decode
range (bin value)
8,000
1F40
0000 - 1FFF
0000 - 0001
11,025
2B11
2000 - 2FFF
0010 - 0010
16,000
3E80
3000 - 3FFF
0011 - 0011
22,050
5622
4000 - 5FFF
0100 - 0101
32,000
7D00
6000 - 7FFF
0110 - 0111
44,100
AC44
8000 - AFFF
1000 - 1010
48,000
BB80
B000 - FFFF
1011 - 1111
Table 10. Directly Supported SRC Sample Rates for the CS4202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com