Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
CS4202
44
DS549PP2
6. SONY/PHILIPS DIGITAL
INTERFACE (S/PDIF)
The S/PDIF digital output is used to interface the
CS4202 to consumer audio equipment external to
the PC. This output provides an interface for stor-
ing digital audio data or playing digital audio data
to digital speakers. Figure 15 illustrates the circuits
necessary for implementing the IEC-958 optical or
consumer interface. For further information on
S/PDIF operation see application note AN22: Over-
view of Digital Audio Interface Data Structures [3].
For further information on S/PDIF recommended
transformers see application note AN134: AES and
S/PDIF Recommended Transformers [4].
7. EXCLUSIVE FUNCTIONS
Some of the digital pins on the CS4202 have mul-
tiplexed functionality. These functions are mutual-
ly exclusive and cannot be requested at the same
time. The following pairs of functions are mutually
exclusive:
•
GPIO and Serial Data Port (GPIO0 pin is
shared with LRCLK pin, GPIO1 pin is shared
with SDOUT pin, and GPIO4 pin is shared with
SDO2 pin)
•
EAPD and Serial Data Port Serial Clock
(EAPD pin is shared with SCLK pin)
Use of the GPIO0/LRCLK, GPIO1/SDOUT, and
GPIO4/SDO2 pins for serial data port has priority
over their GPIO functionality. There is no priority
assigned to the other exclusive function. A function
currently in use must be disabled or powered down
before the corresponding exclusive function can be
enabled. The following control bits for these func-
tions will behave differently than normal bits: the
EAPD bit in the Powerdown Control/Status Regis-
ter (Index 26h), the GC[4,1:0] bits in the GPIO Pin
Configuration Register (Index 4Ch), and the
SDO2, and SDSC bits in the Serial Port Control
Register (Index 6Ah). These bits can become
read-only bits if they control a feature that is cur-
rently unavailable because the corresponding ex-
clusive
feature
is
already
in
use,
or
the
corresponding master control for this feature is not
set.
1
2
3
4
5
6
0.1
µF
R
2
R
1
J1
DGND
DVdd
R
1
R
2
SPDIF_OUT
TOTX-173
SPDIF_OUT
+5V_PCI
DGND
8.2 k
Ω
DGND
DGND
3.3V
247.5
Ω
107.6
Ω
5V
375
Ω
93.75
Ω
T
1
Figure 15. S/PDIF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com