Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
CS4202
DS549PP2
23
4.3
Mono Volume Register (Index 06h)
Mute
Mono Mute. Setting this bit mutes the MONO_OUT output signal.
MM[5:0]
Mono Volume Control. The MM[5:0] bits control the mono output volume. Each step corre-
sponds to 1.5 dB gain adjustment, with a total available range from 0 dB to -46.5 dB attenu-
ation. Setting the MM5 bit sets the mono attenuation to -46.5 dB by forcing MM[4:0] to a ‘1’
state. MM[5:0] will read back 011111 when MM5 has been ‘set’. See Table 2 on page 22 for
further attenuation levels.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
4.4
PC_BEEP Volume Register (Index 0Ah)
Mute
PC_BEEP Mute. Setting this bit mutes the PC_BEEP input signal.
PV[3:0]
PC_BEEP Volume Control. The PV[3:0] bits control the gain levels of the PC_BEEP input
source to the Input Mixer. Each step corresponds to 3 dB gain adjustment, with 0000 = 0 dB.
The total range is 0 dB to -45 dB attenuation.
Default
0000h. This value corresponds to 0 dB attenuation and Mute ‘clear’.
This register has no effect on the PC_BEEP volume during RESET#.
4.5
Phone Volume Register (Index 0Ch)
Mute
Phone Mute. Setting this bit mutes the Phone input signal.
GN[5:0]
Phone Volume Control. The GN[4:0] bits control the gain level of the Phone input source to
the Input Mixer. Each step corresponds to 1.5 dB gain adjustment, with 01000 = 0 dB. The
total range is +12 dB to -34.5 dB attenuation. See Table 4 on page 25 for further attenuation
levels.
Default
8008h. This value corresponds to 0 dB attenuation and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
000000000
MM5
MM4
MM3
MM2
MM1
MM0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0000000000
PV3
PV2
PV1
PV0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0000000000
GN4
GN3
GN2
GN1
GN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com