Electronic Components Datasheet Search
  English  ▼

X  

BGU7003 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGU7003
Description  Wideband silicon germanium low-noise amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7003 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGU7003 Datasheet HTML 8Page - NXP Semiconductors BGU7003 Datasheet HTML 9Page - NXP Semiconductors BGU7003 Datasheet HTML 10Page - NXP Semiconductors BGU7003 Datasheet HTML 11Page - NXP Semiconductors BGU7003 Datasheet HTML 12Page - NXP Semiconductors BGU7003 Datasheet HTML 13Page - NXP Semiconductors BGU7003 Datasheet HTML 14Page - NXP Semiconductors BGU7003 Datasheet HTML 15Page - NXP Semiconductors BGU7003 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
BGU7003_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 2 March 2009
12 of 17
NXP Semiconductors
BGU7003
Wideband silicon germanium low-noise amplifier MMIC
Tamb =25 °C; VCC = 2.5 V; ICC(tot) = 5.0 mA;
VENABLE ≥ 0.7 V; ZS =ZL =50 Ω (input and output
matched to 50
Ω).
Tamb =25 °C; VCC = 2.5 V; ICC(tot) = 5.0 mA;
VENABLE ≥ 0.7 V; ZS =ZL =50 Ω (input and output
matched to 50
Ω).
Fig 17. Insertion power gain (
|s21|2) as a function of
frequency; typical values
Fig 18. Reverse Isolation (
|s12|2) as a function of
frequency; typical values
f (MHz)
0
1000
2000
3000
3500
2500
1500
500
001aaj669
10
20
30
|S21|2
(dB)
0
f (MHz)
0
1000
2000
3000
3500
2500
1500
500
001aaj702
−40
−20
0
|S12|2
(dB)
−60
Tamb =25 °C; VCC = 2.5 V; ICC(tot) = 5.0 mA;
f = 1.575 GHz; f1 = f + 138 MHz; f2 = f + 276 MHz;
VENABLE ≥ 0.7 V; ZS =ZL =50 Ω (input and output
matched to 50
Ω)
Tamb =25 °C; VCC = 2.5 V; ICC(tot) = 5.0 mA;
f = 1.575 GHz; f1 = f + 5 MHz; f2 = f + 10 MHz;
VENABLE ≥ 0.7 V; ZS =ZL =50 Ω (input and output
matched to 50
Ω)
Fig 19. Load power and third order intermodulation
distortion as function of drive power;
typical values
Fig 20. Load power and third order intermodulation
distortion as function of drive power;
typical values
Pdrive (dBm)
−40
10
0
−20
−10
−30
001aaj671
−40
−80
0
40
P
(dB)
−120
IP3I = −0.2 dBm
PL
IMD3
Pdrive (dBm)
−40
0
−10
−30
−20
001aaj672
−40
−80
0
40
P
(dB)
−120
IP3I = −5.2 dBm
PL
IMD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com