Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4252 Datasheet HTML 1Page - NXP Semiconductors IP4252 Datasheet HTML 2Page - NXP Semiconductors IP4252 Datasheet HTML 3Page - NXP Semiconductors IP4252 Datasheet HTML 4Page - NXP Semiconductors IP4252 Datasheet HTML 5Page - NXP Semiconductors IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
4 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
4.
Limiting values
[1]
Device is qualified using contact discharges at
±15 kV according IEC 61000-4-2 model, far exceeding
level 4.
[2]
Device is qualified using contact discharges at
±30 kV according IEC 61000-4-2 model, far exceeding
level 4.
[3]
A special robust test is performed stressing the devices with
≥ 1000 contact discharges according
IEC 61000-4-2 model. All devices far exceed IEC 61000-4-2, level 4.
5.
Thermal characteristics
[1]
Depends on layout details.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+5.6
V
Vesd
electrostatic discharge
voltage
all pins to ground
contact discharge
IP4251 and IP4252
[1][3]
−15
+15
kV
IP4253 and IP4254
[2][3]
−30
+30
kV
air discharge
IP4253 and IP4254
[2][3]
−30
+30
kV
IEC 61000-4-2, level 4; all
pins to ground
contact discharge
−8+8
kV
air discharge
−15
+15
kV
Pch
channel power dissipation Tamb = 85 °C
-
60
mW
Ptot
total power dissipation
Tamb = 85 °C
-
200
mW
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-pcb)
thermal resistance from junction to
printed-circuit board
2 layer printed-circuit
board
120[1]
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com