Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors IP4252 Datasheet HTML 10Page - NXP Semiconductors IP4252 Datasheet HTML 11Page - NXP Semiconductors IP4252 Datasheet HTML 12Page - NXP Semiconductors IP4252 Datasheet HTML 13Page - NXP Semiconductors IP4252 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
10 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
To generate SDHC- and MMC-compliant digital signals, the driver strength should not
significantly undercut 8 mA.
7.2.2 LCD interfaces, medium-speed interfaces
For digital interfaces such as LCD display interfaces running at clock speeds between
10 MHz and 25 MHz or more, IP4251, IP4252, or IP4254 can be used in dependency of
the sink load, clock speed, driver strength and rise and fall time requirements. Also the
minimum EMI filter requirements may be a decision-making factor.
7.2.3 Keypad, low-speed interfaces
Especially for lower-speed interfaces such as keypads, low-speed serial interfaces (e.g.
RS232) and low-speed control signals, IP4253 (Rs(ch) = 200 Ω, Cch = 30 pF at
Vbias(DC) = 2.5 V) offers a very robust ESD protection and strong suppression of unwanted
frequencies (EMI-filtering).
Fig 8.
Example of IP4252 in an MMC interface
001aaj309
IP4252CZ12-6
IP4252CZ8-4
DAT1
pull-up resistors
50 k
Ω - 100 kΩ
CMD pull-up
4.7 k
Ω - 100 kΩ
DAT1
C8
e.g.
RSMMC
HOST
INTERFACE
DAT0
C7
DAT7
C13
VSS2
C6
DAT6
C12
CLK
C5
VCC(VMMC)
VCC(VMMC)
C4
VSS1
C3
DAT5
C11
CMD
C2
DAT4
C10
DAT3
C1
DAT2
CMD
DAT4
DAT3
DAT2
C9
DAT0
DAT7
DAT6
CLK
DAT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com