Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4252 Datasheet HTML 5Page - NXP Semiconductors IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors IP4252 Datasheet HTML 10Page - NXP Semiconductors IP4252 Datasheet HTML 11Page - NXP Semiconductors IP4252 Datasheet HTML 12Page - NXP Semiconductors IP4252 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
9 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
The capacitance values specified for the signal channels of the MMC interface differ from
the SD(HC) specification. The MMC card side interface is specified to have an intrinsic
capacitance of 12 pF to 18 pF and the total channel is limited according the specification
to 30 pF only. Therefore, any filter device capacitance is limited to a maximum of up to
18 pF, including the card holder and PCB traces.
Please refer to Figure 8 for a general example of the implementation of the IP4252 in a
MultiMediaCard interface application.
Fig 7.
Example of IP4252 in an SD(HC) card interface
001aaj310
IP4252CZ12-6
(IP4252CZ16-8)
DAT1
pull-up resistors
10 k
Ω − 100 kΩ
10 k
Ω − 90 kΩ
DAT3/CD pull-up
10 k
Ω − 100 kΩ
DAT3/CD pull-up
>270 kΩ
exact value
depends on
required
logic levels
DAT1
SD MEMORY
CARD
SET_CLR_
CARD_DETECT
(ACMD42)
to HOST
INTERFACE
DAT0
GND
CLK
VCC(VSD)
VCC(VSD)
DAT3/CD
CMD
DAT2
optional:
2-additional channels
of IP4252CZ16-8
optional:
write protect switch
optional:
electrical card detect
WP
DAT0
CLK
CMD
DAT3/CD
DAT2
CD
WP
optional:
card detect switch
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com