Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IP4252 Datasheet HTML 4Page - NXP Semiconductors IP4252 Datasheet HTML 5Page - NXP Semiconductors IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors IP4252 Datasheet HTML 10Page - NXP Semiconductors IP4252 Datasheet HTML 11Page - NXP Semiconductors IP4252 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
8 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
Due to the optimized silicon dice and package design, all channels in a single package
show a very good matching performance as the insertion loss for a channel at the
package side (e.g. ch1 to ch16) is nearly identical with the center channels (e.g. ch4 to
ch13). Typical measurements results are shown in Figure 3 to Figure 6 for the different
devices.
7.2 Selection
The IP425x family is mainly designed as EMI/RFI filters for multi-channel interfaces. The
selection of one of the filter devices has to be performed dependent on the maximum
clock frequency, driver strength, capacitive load of the sink, and also the maximum
applicable rise and fall times.
7.2.1 SD(HC) and MMC memory interface
The Secure Digital High Capacity (SDHC) memory card interface standard specification
and the MultiMediaCard (MMC) (JESD 84A43) standard specification recommend a rise
and fall time of 25 % to 62.5 % (62.5 % to 25 % respectively) of 3 ns or less for the input
signal of the receiving interface side.
Assuming a typical capacitance of about 20 pF for the SDHC memory card itself, and
approximately 4 pF to 7 pF for the PCB and the card holder, IP4252CZ12-6 (6 channels,
Rs(ch) =40 Ω,Cch =12pFatVbias(DC) = 2.5 V) is a matching selection to filter and protect
all relevant interface pins such as CLK, CMD, and DAT0 to DAT3/CD. Please refer to
Figure 7 for a general example of the implementation of the IP4252 in an SD(HC) card
interface.
In case additional channels such as write-protect or a mechanical card detection switch
are used, the IP4252CZ16-8 (8 channels, Rs(ch) =40 Ω, Cch = 12 pF at Vbias(DC) = 2.5 V)
offers two additional channels.
(1) IP4253CZ16 - ch1 to ch16
(2) IP4253CZ16 - ch4 to ch13
(1) IP4254CZ16 - ch4 to ch13
(2) IP4254CZ16 - ch1 to ch16
Fig 5.
IP4253 frequency response curves
Fig 6.
IP4254 frequency response curves
001aaj610
−30
−20
−40
−10
0
S21
(dB)
−50
f (MHz)
10−1
104
103
1102
10
(1)
(2)
001aaj611
−30
−20
−40
−10
0
S21
(dB)
−50
f (MHz)
10−1
104
103
1102
10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com