Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP4252 Datasheet HTML 1Page - NXP Semiconductors IP4252 Datasheet HTML 2Page - NXP Semiconductors IP4252 Datasheet HTML 3Page - NXP Semiconductors IP4252 Datasheet HTML 4Page - NXP Semiconductors IP4252 Datasheet HTML 5Page - NXP Semiconductors IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
5 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
6.
Characteristics
[1]
Guaranteed by design.
Table 5.
Channel resistance
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
IP4251CZ8/CZ12/CZ16
80
100
120
Ω
IP4252CZ8/CZ12/CZ16
32
40
48
Ω
IP4253CZ8/CZ12/CZ16
160
200
240
Ω
IP4254CZ8/CZ12/CZ16
80
100
120
Ω
Table 6.
Channel characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cch
channel capacitance
for the total channel;
f = 100 kHz
Vbias(DC) = 2.5 V
IP4251
-
10
-
pF
IP4252
-
12
-
pF
IP4253 and IP4254
-
30
-
pF
Vbias(DC) =0V
IP4251
[1] -15
-
pF
IP4252
[1] -18
-
pF
IP4253 and IP4254
[1] -45
-
pF
ILR
reverse leakage current
per channel; VI = 3.5 V
-
-
0.1
µA
VBR
breakdown voltage
positive clamp; II = 1 mA
5.8
-
9
V
VF
forward voltage
negative clamp; IF = 1 mA
0.4
-
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com