Electronic Components Datasheet Search
  English  ▼

X  

IP4252 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4252
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4252 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4252 Datasheet HTML 3Page - NXP Semiconductors IP4252 Datasheet HTML 4Page - NXP Semiconductors IP4252 Datasheet HTML 5Page - NXP Semiconductors IP4252 Datasheet HTML 6Page - NXP Semiconductors IP4252 Datasheet HTML 7Page - NXP Semiconductors IP4252 Datasheet HTML 8Page - NXP Semiconductors IP4252 Datasheet HTML 9Page - NXP Semiconductors IP4252 Datasheet HTML 10Page - NXP Semiconductors IP4252 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
7 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
(1) IP4252CZ16 - ch1 to ch16
(2) IP4251CZ16 - ch1 to ch16
(3) IP4254CZ16 - ch1 to ch16
(4) IP4253CZ16 - ch1 to ch16
Fig 1.
Frequency response set-up
Fig 2.
IP425x family frequency response curves
OUT
001aag218
50
Ω
50
Ω
Vgen
DUT
IN
001aaj308
−30
−20
−40
−10
0
S21
(dB)
−50
f (MHz)
10−1
104
103
1102
10
(1)
(2)
(3)
(4)
(1) IP4251CZ16 - ch1 to ch16
(2) IP4251CZ16 - ch4 to ch13
(1) IP4252CZ16 - ch1 to ch16
(2) IP4252CZ16 - ch4 to ch13
Fig 3.
IP4251 frequency response curves
Fig 4.
IP4252 frequency response curves
001aaj608
−30
−20
−40
−10
0
S21
(dB)
−50
f (MHz)
10−1
104
103
1102
10
(1)
(2)
001aaj609
−30
−20
−40
−10
0
S21
(dB)
−50
f (MHz)
10−1
104
103
1102
10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com