Electronic Components Datasheet Search
  English  ▼

X  

LPC2930 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2930
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2930 Datasheet HTML 17Page - NXP Semiconductors LPC2930 Datasheet HTML 18Page - NXP Semiconductors LPC2930 Datasheet HTML 19Page - NXP Semiconductors LPC2930 Datasheet HTML 20Page - NXP Semiconductors LPC2930 Datasheet HTML 21Page - NXP Semiconductors LPC2930 Datasheet HTML 22Page - NXP Semiconductors LPC2930 Datasheet HTML 23Page - NXP Semiconductors LPC2930 Datasheet HTML 24Page - NXP Semiconductors LPC2930 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
21 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
6.7 External Static Memory Controller (SMC)
The LPC2930 contains an external Static Memory Controller (SMC) which provides an
interface for external (off-chip) memory devices.
Key features are:
• Supports static memory-mapped devices including RAM, ROM, flash, burst ROM and
external I/O devices
• Asynchronous page-mode read operation in non-clocked memory subsystems
• Asynchronous burst-mode read access to burst-mode ROM devices
• Independent configuration for up to eight banks, each up to 16 MB
• Programmable bus-turnaround (idle) cycles (one to 16)
• Programmable read and write wait states (up to 32), for static RAM devices
• Programmable initial and subsequent burst-read wait state for burst-ROM devices
• Programmable write protection
• Programmable burst-mode operation
• Programmable external data width: 8 bits, 16 bits or 32 bits
• Programmable read-byte lane enable control
6.7.1 Description
The SMC simultaneously supports up to eight independently configurable memory banks.
Each memory bank can be 8 bits, 16 bits or 32 bits wide and is capable of supporting
SRAM, ROM, burst-ROM memory, or external I/O devices.
A separate chip select output is available for each bank. The chip select lines are
configurable to be active HIGH or LOW. Memory-bank selection is controlled by memory
addressing. Table 9 shows how the 32-bit system address is mapped to the external bus
memory base addresses, chip selects, and bank internal addresses.
Table 8.
CGU1 base clock and branch clock overview
Base clock
Branch clock name
Parts of the device clocked by this
branch clock
BASE_OUT_CLK
CLK_OUT_CLK
CLK_OUT pin
BASE_USB_CLK
CLK_USB_CLK
USB clock
BASE_USB_I2C_CLK
CLK_USB_I2C_CLK
USB OTG I2C clock
Table 9.
External memory-bank address bit description
32-bit
system
address bit
field
Symbol
Description
31 to 29
BA[2:0]
external static-memory base address (three most significant bits);
the base address can be found in the memory map; see Ref. 1. This
field contains ‘010’ when addressing an external memory bank.
28 to 26
CS[2:0]
chip select address space for eight memory banks; see Ref. 1.
25 and 24
-
always ‘00’; other values are ‘mirrors’ of the 16 MB bank address.
23 to 0
A[23:0]
16 MB memory banks address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com