Electronic Components Datasheet Search
  English  ▼

X  

LPC2930 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # LPC2930
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button LPC2930 Datasheet HTML 69Page - NXP Semiconductors LPC2930 Datasheet HTML 70Page - NXP Semiconductors LPC2930 Datasheet HTML 71Page - NXP Semiconductors LPC2930 Datasheet HTML 72Page - NXP Semiconductors LPC2930 Datasheet HTML 73Page - NXP Semiconductors LPC2930 Datasheet HTML 74Page - NXP Semiconductors LPC2930 Datasheet HTML 75Page - NXP Semiconductors LPC2930 Datasheet HTML 76Page - NXP Semiconductors LPC2930 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
73 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
Fig 25. Low-power ring oscillator thermal characteristics
temperature (
°C)
−40
85
60
10
35
−15
002aae373
500
490
510
520
fref(RO)
(kHz)
480
1.9 V
1.8 V
1.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com