Electronic Components Datasheet Search
  English  ▼

X  

LPC2930 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2930
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2930 Datasheet HTML 45Page - NXP Semiconductors LPC2930 Datasheet HTML 46Page - NXP Semiconductors LPC2930 Datasheet HTML 47Page - NXP Semiconductors LPC2930 Datasheet HTML 48Page - NXP Semiconductors LPC2930 Datasheet HTML 49Page - NXP Semiconductors LPC2930 Datasheet HTML 50Page - NXP Semiconductors LPC2930 Datasheet HTML 51Page - NXP Semiconductors LPC2930 Datasheet HTML 52Page - NXP Semiconductors LPC2930 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
49 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
6.14.2 Clock Generation Unit (CGU0)
The key features are:
• Generation of 9 base clocks, one test base clock, and two base clocks to drive CGU1,
selectable from several embedded clock sources
• Crystal oscillator with power-down
• Control PLL with power-down
• Very low-power ring oscillator, always on to provide a safe clock
• Seven fractional clock dividers with L/D division
• Individual source selector for each base clock, with glitch-free switching
• Autonomous clock-activity detection on every clock source
• Protection against switching to invalid or inactive clock sources
• Embedded frequency counter
• Register write-protection mechanism to prevent unintentional alteration of clocks
Remark: Any clock-frequency adjustment has a direct impact on the timing of all on-board
peripherals.
6.14.2.1
Functional description
The clock generation unit provides 10 internal clock sources as described in Table 26.
[1]
Maximum frequency that guarantees stable operation of the LPC2930.
[2]
Fixed to low-power oscillator.
For generation of these base clocks, the CGU consists of primary and secondary clock
generators and one output generator for each base clock.
Table 26.
CGU0 base clocks
Number Name
Frequency
(MHz) [1]
Description
0
BASE_SAFE_CLK
0.4
base safe clock (always on)
1
BASE_SYS_CLK
125
base system clock
2
BASE_PCR_CLK
0.4 [2]
base PCR subsystem clock
3
BASE_IVNSS_CLK
125
base IVNSS subsystem clock
4
BASE_MSCSS_CLK
125
base MSCSS subsystem clock
5
BASE_ICLK0_CLK
125
base internal clock 0, for CGU1
6
BASE_UART_CLK
125
base UART clock
7
BASE_SPI_CLK
50
base SPI clock
8
BASE_TMR_CLK
125
base timers clock
9
BASE_ADC_CLK
4.5
base ADC clock
10
reserved
-
-
11
BASE_ICLK1_CLK
125
base internal clock 1, for CGU1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com