Electronic Components Datasheet Search
  English  ▼

X  

LPC2930 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC2930
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC2930 Datasheet HTML 32Page - NXP Semiconductors LPC2930 Datasheet HTML 33Page - NXP Semiconductors LPC2930 Datasheet HTML 34Page - NXP Semiconductors LPC2930 Datasheet HTML 35Page - NXP Semiconductors LPC2930 Datasheet HTML 36Page - NXP Semiconductors LPC2930 Datasheet HTML 37Page - NXP Semiconductors LPC2930 Datasheet HTML 38Page - NXP Semiconductors LPC2930 Datasheet HTML 39Page - NXP Semiconductors LPC2930 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
36 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
• Listen-only mode (no acknowledge; no active error flags).
• Reception of ‘own’ messages (self-reception request).
• FullCAN mode for message reception.
6.12.1.1
Global acceptance filter
The global acceptance filter provides look-up of received identifiers - called acceptance
filtering in CAN terminology - for all the CAN controllers. It includes a CAN ID look-up table
memory, in which software maintains one to five sections of identifiers. The CAN ID
look-up table memory is 2 kB large (512 words, each of 32 bits). It can contain up to 1024
standard frame identifiers or 512 extended frame identifiers or a mixture of both types. It is
also possible to define identifier groups for standard and extended message formats.
6.12.1.2
Pin description
The two CAN controllers in the LPC2930 have the pins listed below. The CAN pins are
combined with other functions on the port pins of the LPC2930. Table 19 shows the CAN
pins (x runs from 0 to 1).
6.12.2 LIN
The LPC2930 contain two LIN 2.0 master controllers. These can be used as dedicated
LIN 2.0 master controllers with additional support for sync break generation and with
hardware implementation of the LIN protocol according to spec 2.0.
Remark: Both LIN channels can be also configured as UART channels.
The key features are:
• Complete LIN 2.0 message handling and transfer
• One interrupt per LIN message
• Slave response time-out detection
• Programmable sync-break length
• Automatic sync-field and sync-break generation
• Programmable inter-byte space
• Hardware or software parity generation
• Automatic checksum generation
• Fault confinement
• Fractional baud rate generator
6.12.2.1
Pin description
The two LIN 2.0 master controllers in the LPC2930 have the pins listed below. The LIN
pins are combined with other functions on the port pins of the LPC2930. Table 20 shows
the LIN pins. For more information see Ref. 1 subsection 3.43, LIN master controller.
Table 19.
CAN pins
Symbol
Pin name
Direction
Description
CANx TXD
TXDC0/1
OUT
CAN channel x transmit data output
CANx RXD
RXDC0/1
IN
CAN channel x receive data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com