Electronic Components Datasheet Search
  English  ▼

X  

LPC2930 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2930
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2930 Datasheet HTML 8Page - NXP Semiconductors LPC2930 Datasheet HTML 9Page - NXP Semiconductors LPC2930 Datasheet HTML 10Page - NXP Semiconductors LPC2930 Datasheet HTML 11Page - NXP Semiconductors LPC2930 Datasheet HTML 12Page - NXP Semiconductors LPC2930 Datasheet HTML 13Page - NXP Semiconductors LPC2930 Datasheet HTML 14Page - NXP Semiconductors LPC2930 Datasheet HTML 15Page - NXP Semiconductors LPC2930 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
12 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
P0[13]/IN1[5]/
PMAT1[3]/A11
175[5]
GPIO 0, pin 13
ADC1 IN5
PWM1 MAT3
EXTBUS A11
VDD(IO)
176
3.3 V power supply for I/O
P4[11]/WE/CTS0
177[1]
GPIO 4, pin 11
EXTBUS WE
UART0 CTS
-
P0[14]/IN1[6]/
PMAT1[4]/A12
178[5]
GPIO 0, pin 14
ADC1 IN6
PWM1 MAT4
EXTBUS A12
P5[11]/D23/DCD0
179[1]
GPIO 5, pin 11
EXTBUS D23
UART0 DCD
-
P0[15]/IN1[7]/
PMAT1[5]/A13
180[5]
GPIO 0, pin 15
ADC1 IN7
PWM1 MAT5
EXTBUS A13
P4[23]/
USB_PWRD2
181[1]
GPIO 4, pin 23
USB_PWRD2
--
P0[16]IN2[0]/
TXD0/A22
182[5]
GPIO 0, pin 16
ADC2 IN0
UART0 TXD
EXTBUS A22
P4[7]/A21/DTR1
183[1]
GPIO 4, pin 7
EXTBUS A21
UART1 DTR
-
VSS(IO)
184
ground for I/O
P5[7]/D19/
U0OUT1
185[1]
GPIO 5, pin 7
EXTBUS D19
UART0 OUT1
-
P0[17]/IN2[1]/
RXD0/A23
186[5]
GPIO 0, pin 17
ADC2 IN1
UART0 RXD
EXTBUS A23
P4[15]/BLS3
187[1]
GPIO 4, pin 15
EXTBUS BLS3
--
P5[15]/
USB_UP_LED1/
RTS1
188[1]
GPIO 5, pin 15
USB_UP_LED1
UART1 RTS
-
VDD(CORE)
189
1.8 V power supply for digital core
VSS(CORE)
190
ground for digital core
P2[16]/TXD1/
PCAP0[2]/BLS2
191[1]
GPIO 2, pin 16
UART1 TXD
PWM0 CAP2
EXTBUS BLS2
P2[17]/RXD1/
PCAP1[0]/BLS3
192[1]
GPIO 2, pin 17
UART1 RXD
PWM1 CAP0
EXTBUS BLS3
VDD(IO)
193
3.3 V power supply for I/O
P0[18]/IN2[2]/
PMAT2[0]/A14
194[5]
GPIO 0, pin 18
ADC2 IN2
PWM2 MAT0
EXTBUS A14
P0[19]/IN2[3]/
PMAT2[1]/A15
195[5]
GPIO 0, pin 19
ADC2 IN3
PWM2 MAT1
EXTBUS A15
P3[4]/MAT3[2]/
PMAT2[4]/TXDC1
196[1]
GPIO 3, pin 4
TIMER3 MAT2
PWM2 MAT4
CAN1 TXD
P3[5]/MAT3[3]/
PMAT2[5]/RXDC1
197[1]
GPIO 3, pin 5
TIMER3 MAT3
PWM2 MAT5
CAN1 RXD
P2[18]/SCS2[1]/
PCAP1[1]/D16
198[1]
GPIO 2, pin 18
SPI2 SCS1
PWM1 CAP1
EXTBUS D16
P2[19]/SCS2[0]/
PCAP1[2]/D17
199[1]
GPIO 2, pin 19
SPI2 SCS0
PWM1 CAP2
EXTBUS D17
P0[20]/IN2[4]/
PMAT2[2]/A16
200[5]
GPIO 0, pin 20
ADC2 IN4
PWM2 MAT2
EXTBUS A16
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com