Electronic Components Datasheet Search
  English  ▼

X  

P89LPC913 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 47Page - NXP Semiconductors P89LPC913 Datasheet HTML 48Page - NXP Semiconductors P89LPC913 Datasheet HTML 49Page - NXP Semiconductors P89LPC913 Datasheet HTML 50Page - NXP Semiconductors P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors P89LPC913 Datasheet HTML 54Page - NXP Semiconductors P89LPC913 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
51 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
10. Static characteristics
Table 13.
Static characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, −40 °C to +125 °C for extended, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
operating supply current
P89LPC912, P89LPC913
VDD = 3.6 V;
fosc =12MHz
[2] -
7
13
mA
VDD = 3.6 V;
fosc =18MHz
[2] -11
16
mA
P89LPC914
VDD = 3.6 V;
fosc = 7.373 MHz
[3] -4
8
mA
IDD(idle)
Idle mode supply current
P89LPC912, P89LPC913
VDD = 3.6 V;
fosc =12MHz
[2] -
1.5
5.6
mA
VDD = 3.6 V;
fosc =18MHz
[2] -4
6
mA
P89LPC914
VDD = 3.6 V;
fosc = 7.373 MHz
[3] -1
3
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V
[2][3] --
70
µA
IDD(tpd)
total Power-down mode
supply current
VDD = 3.6 V
[2][3] -
0.5
5
µA
(dV/dt)r
rise rate
of VDD
-
-
2
mV/
µs
(dV/dt)f
fall rate
of VDD
-
-
50
mV/
µs
VDDR
data retention supply voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
Vth(LH)
LOW-HIGH threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
Vhys
hysteresis voltage
-
0.2VDD
-V
VOL
LOW-level output voltage
IOL = 20 mA; all ports
-
0.6
1.0
V
IOL = 10 mA; all ports
-
0.3
0.5
V
IOL = 3.2 mA; all ports
-
0.2
0.3
V
VOH
HIGH-level output voltage
IOH = −8 mA; all ports,
push-pull mode
VDD − 1.0
-
-
V
IOH = −3.2 mA; all ports,
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −20 µA; all ports,
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
Ciss
input capacitance
[4] -
-
15
pF
IIL
LOW-state input current
VI = 0.4 V; all ports
[5] --
−80
µA
ILI
input leakage current
VI =VIL or VIH; all ports
[6] --
±1
µA
ITHL
HIGH-LOW transition current
VI = 2.0 VatVDD = 3.6 V;
all ports
[7][8]
−30
-
−450
µA
RRST_N(int) internal pull-up resistance on
pin RST
10
-
30
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com