Electronic Components Datasheet Search
  English  ▼

X  

PCA9575 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9575
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9575 Datasheet HTML 1Page - NXP Semiconductors PCA9575 Datasheet HTML 2Page - NXP Semiconductors PCA9575 Datasheet HTML 3Page - NXP Semiconductors PCA9575 Datasheet HTML 4Page - NXP Semiconductors PCA9575 Datasheet HTML 5Page - NXP Semiconductors PCA9575 Datasheet HTML 6Page - NXP Semiconductors PCA9575 Datasheet HTML 7Page - NXP Semiconductors PCA9575 Datasheet HTML 8Page - NXP Semiconductors PCA9575 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
2 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
Power-On Reset (POR) or hardware reset pin (RESET) initializes the two banks of 8 I/Os
as inputs, sets the registers to their default values and initializes the device state machine.
The I/O banks are held in its default state when the logic supply (VDD) is off.
The PCA9575 is available in 24-pin TSSOP, 28-pin TSSOP and HWQFN24 packages,
and is specified over the
−40 °C to +85 °C industrial temperature range.
The 28-pin package provides four address select pins, allowing up to 16 PCA9575
devices to be connected with 16 different addresses on the same I2C-bus.
2.
Features
I Separate supply rails for core logic and each of the two I/O banks provides voltage
level shifting
I 1.1 V to 3.6 V operation with level shifting feature
I Very low standby current: < 2 µA
I 16 configurable I/O pins organized as 2 banks that default to inputs at power-up
I Outputs:
N Totem pole: 1 mA source and 3 mA sink
N Independently programmable 100 kΩ pull-up or pull-down for each I/O pin
N Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level
change of pins programmed as inputs
I Inputs:
N Programmable bus hold provides valid logic level when inputs are not actively
driven
N Programmable Interrupt Mask Control for input pins that do not require an interrupt
when their states change or to prevent spurious interrupts default to mask at
power-up
N Polarity Inversion register allows inversion of the polarity of the I/O pins when read
I 400 kHz I2C-bus serial interface
I Compliant with I2C-bus Standard-mode (100 kHz)
I Active LOW reset (RESET) input pin resets device to power-up default state
I GPIO All Call address allows programming of more than one device at the same time
with the same parameters
I 16 programmable slave addresses using 4 address pins (28-pin TSSOP only)
I −40 °C to +85 °C operation
I ESD protection exceeds 6000 V HBM per JESD22-A114, 500 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: TSSOP28, TSSOP24, HWQFN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com