Electronic Components Datasheet Search
  English  ▼

X  

PCA9575 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9575
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9575 Datasheet HTML 8Page - NXP Semiconductors PCA9575 Datasheet HTML 9Page - NXP Semiconductors PCA9575 Datasheet HTML 10Page - NXP Semiconductors PCA9575 Datasheet HTML 11Page - NXP Semiconductors PCA9575 Datasheet HTML 12Page - NXP Semiconductors PCA9575 Datasheet HTML 13Page - NXP Semiconductors PCA9575 Datasheet HTML 14Page - NXP Semiconductors PCA9575 Datasheet HTML 15Page - NXP Semiconductors PCA9575 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
12 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
7.6.4 Register 3 - Polarity inversion port 1 register
This register allows the user to invert the polarity of the Input port register data. If a bit in
this register is set (written with ‘1’), the corresponding Input port data is inverted. If a bit in
this register is cleared (written with a ‘0’), the Input port data polarity is retained.
7.6.5 Register 4 - Bus-hold/pull-up/pull-down enable 0 register
Bit 0 of this register allows the user to enable/disable the bus-hold feature for the I/O pins.
Setting the bit 0 to logic 1 enables bus-hold feature for the I/O bank 0. In this mode, the
pull-up/pull-downs will be disabled for I/O bank 0. Setting the bit 0 to logic 0 disables
bus-hold feature.
Bit 1 of this register allows the user to enable/disable pull-up/pull-downs on the I/O pins.
Setting the bit 1 to logic 1 enables selection of pull-up/pull-down using Register 6. Setting
the bit 1 to logic 0 disables pull-up/pull-downs on the I/O bank 0 pins and contents of
Register 6 will have no effect on the I/O.
Table 7.
Register 3 - Polarity Inversion port 1 register (address 03h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
N1.7
R/W
0*
inverts polarity of Input port 1 register data
0 = Input port 1 register data retained (default value)
1 = Input port 1 register data inverted
6
N1.6
R/W
0*
5
N1.5
R/W
0*
4
N1.4
R/W
0*
3
N1.3
R/W
0*
2
N1.2
R/W
0*
1
N1.1
R/W
0*
0
N1.0
R/W
0*
Table 8.
Register 4 - Bus-hold/pull-up/pull-down enable 0 register (address 04h)
bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
E0.7
R/W
X
not used
6
E0.6
R/W
X
5
E0.5
R/W
X
4
E0.4
R/W
X
3
E0.3
R/W
X
2
E0.2
R/W
X
1
E0.1
R/W
0*
allows the user to enable/disable pull-up/pull-downs on the
I/O bank 0 pins
0 = disables pull-up/pull-downs on the I/O bank 0 pins and
contents of Register 6 will have no effect on the I/O bank 0
(default value)
1 = enables selection of pull-up/pull-down using Register 6
0
E0.0
R/W
0*
allows user to enable/disable the bus-hold feature for the
I/O bank 0 pins
0 = disables bus-hold feature (default value)
1 = enables bus-hold feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com