Electronic Components Datasheet Search
  English  ▼

X  

PCA9575 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9575
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9575 Datasheet HTML 7Page - NXP Semiconductors PCA9575 Datasheet HTML 8Page - NXP Semiconductors PCA9575 Datasheet HTML 9Page - NXP Semiconductors PCA9575 Datasheet HTML 10Page - NXP Semiconductors PCA9575 Datasheet HTML 11Page - NXP Semiconductors PCA9575 Datasheet HTML 12Page - NXP Semiconductors PCA9575 Datasheet HTML 13Page - NXP Semiconductors PCA9575 Datasheet HTML 14Page - NXP Semiconductors PCA9575 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
11 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
7.6.2 Register 1 - Input port 1 register
This register is read-only. It reflects the incoming logic levels of the pins, regardless of
whether the pin is defined as an input or an output by the Configuration register. Writes to
this register will be acknowledged but will have no effect.
The default ‘X’ is determined by the externally applied logic level.
7.6.3 Register 2 - Polarity inversion port 0 register
This register allows the user to invert the polarity of the Input port register data. If a bit in
this register is set (written with ‘1’), the corresponding Input port data is inverted. If a bit in
this register is cleared (written with a ‘0’), the Input port data polarity is retained.
Table 5.
Register 1 - Input port 1 register (address 01h) bit description
Bit
Symbol
Access
Value
Description
7
IO1.7
read only
X
determined by externally applied logic level
6
IO1.6
read only
X
5
IO1.5
read only
X
4
IO1.4
read only
X
3
IO1.3
read only
X
2
IO1.2
read only
X
1
IO1.1
read only
X
0
IO1.0
read only
X
Table 6.
Register 2 - Polarity Inversion port 0 register (address 02h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
N0.7
R/W
0*
inverts polarity of Input port 0 register data
0 = Input port 0 register data retained (default value)
1 = Input port 0 register data inverted
6
N0.6
R/W
0*
5
N0.5
R/W
0*
4
N0.4
R/W
0*
3
N0.3
R/W
0*
2
N0.2
R/W
0*
1
N0.1
R/W
0*
0
N0.0
R/W
0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com