Electronic Components Datasheet Search
  English  ▼

X  

PCA9575 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9575
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9575 Datasheet HTML 24Page - NXP Semiconductors PCA9575 Datasheet HTML 25Page - NXP Semiconductors PCA9575 Datasheet HTML 26Page - NXP Semiconductors PCA9575 Datasheet HTML 27Page - NXP Semiconductors PCA9575 Datasheet HTML 28Page - NXP Semiconductors PCA9575 Datasheet HTML 29Page - NXP Semiconductors PCA9575 Datasheet HTML 30Page - NXP Semiconductors PCA9575 Datasheet HTML 31Page - NXP Semiconductors PCA9575 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
28 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
[1]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
Port timing
tv(Q)
data output valid time
VDD(IO)0, VDD(IO)1 =
VDD = 1.1 V
-
350
-
350
ns
VDD(IO)0, VDD(IO)1 =
VDD = 2.3 V to 3.6 V
-
300
-
300
ns
tsu(D)
data input set-up time
150
-
150
-
ns
th(D)
data input hold time
1
-
1
-
µs
Interrupt timing
tv(INT)
valid time on pin INT
-
4
-
4
µs
trst(INT)
reset time on pin INT
-
4
-
4
µs
Reset
tw(rst)
reset pulse width
VDD(IO)0, VDD(IO)1 =
VDD = 1.1 V
8-
8
-
ns
VDD(IO)0, VDD(IO)1 =
VDD = 2.3 V to 3.6 V
4-
4
-
ns
trec(rst)
reset recovery time
0
-
0
-
ns
trst(SDA)
SDA reset time
Figure 23
-
400
-
400
ns
trst(GPIO)
GPIO reset time
Figure 23
-
400
-
400
ns
Table 22.
Dynamic characteristics …continued
VDD = 1.1 V to 3.6 V; VDD(IO)0 = 1.1 V to 3.6 V; VDD(IO)1 = 1.1 V to 3.6 V; VSS =0V; Tamb = −40 °C to +85 °C; unless
otherwise specified.
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
Fig 22. Definition of timing
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
002aaa986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com