Electronic Components Datasheet Search
  English  ▼

X  

PCA9575 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA9575
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA9575 Datasheet HTML 28Page - NXP Semiconductors PCA9575 Datasheet HTML 29Page - NXP Semiconductors PCA9575 Datasheet HTML 30Page - NXP Semiconductors PCA9575 Datasheet HTML 31Page - NXP Semiconductors PCA9575 Datasheet HTML 32Page - NXP Semiconductors PCA9575 Datasheet HTML 33Page - NXP Semiconductors PCA9575 Datasheet HTML 34Page - NXP Semiconductors PCA9575 Datasheet HTML 35Page - NXP Semiconductors PCA9575 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
32 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
Fig 27. Package outline SOT994-1 (HWQFN24)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT994-1
- - -
MO-220
- - -
SOT994-1
07-02-07
07-03-03
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
UNIT
A(1)
max
mm
0.8
0.05
0.00
0.30
0.18
4.1
3.9
2.25
1.95
4.1
3.9
2.25
1.95
2.5
2.5
0.1
A1
DIMENSIONS (mm are the original dimensions)
HWQFN24: plastic thermal enhanced very very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.75 mm
0
2.5
5 mm
scale
b
c
0.2
D(1)
Dh
E(1)
Eh
e
0.5
e1
e2
L
0.5
0.3
v
w
0.05
y
0.05
y1
0.1
B
A
terminal 1
index area
E
D
detail X
A
A1
c
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v M
C
∅ w M
terminal 1
index area
6
13
12
7
18
24
19
1
L
Eh
Dh
C
y
C
y1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com