Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 28Page - NXP Semiconductors PCF8531 Datasheet HTML 29Page - NXP Semiconductors PCF8531 Datasheet HTML 30Page - NXP Semiconductors PCF8531 Datasheet HTML 31Page - NXP Semiconductors PCF8531 Datasheet HTML 32Page - NXP Semiconductors PCF8531 Datasheet HTML 33Page - NXP Semiconductors PCF8531 Datasheet HTML 34Page - NXP Semiconductors PCF8531 Datasheet HTML 35Page - NXP Semiconductors PCF8531 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
32 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
14. Dynamic characteristics
[1]
ffr =fclk(ext)/480 or fosc/480.
[2]
A reset is generated if tw(RESL) > 3 ns (see Figure 20).
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH, with an
input voltage swing of VSS to VDD.
[4]
Cb = total capacitance of one bus line in pF.
Table 16.
Dynamic characteristics
VDD1 = 1.8 V (1.9 V) to 5.5 V; VDD2 and VDD3 = 2.5 V to 4.5 V; VSS1 =VSS2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V; Tamb = −40 °C
to +85
°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ffr(LCD)
LCD frame frequency
VDD = 3.0 V
[1] 40
66
135
Hz
fosc
oscillator frequency
20
34
65
kHz
fclk(ext)
external clock frequency
20
-
65
kHz
tw(RESL)
RES LOW pulse width
[2] 300
-
ns
tsu(RESL)
RES LOW set-up time
-
-
30
µs
Serial bus interface (see Figure 21)[3]
fSCL
SCL clock frequency
0
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
0.9
ns
tr
rise time of both SDA and SCL signals
[4] 20 + 0.1Cb -
0.3
µs
tf
fall time of both SDA and SCL signals
[4] 20 + 0.1Cb -
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tSU;STA
set-up time for a repeated START condition
0.6
-
-
µs
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tSP
pulse width of spikes that must be
suppressed by the input filter
on bus
-
-
50
ns
tBUF
bus free time between a STOP and START
condition
1.3
-
-
µs
Fig 20. Reset timing
mgs476
tw(RESL)
tsu(RESL)
VIL
VDD
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com