Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 22 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 18Page - SMSC Corporation LAN9514 Datasheet HTML 19Page - SMSC Corporation LAN9514 Datasheet HTML 20Page - SMSC Corporation LAN9514 Datasheet HTML 21Page - SMSC Corporation LAN9514 Datasheet HTML 22Page - SMSC Corporation LAN9514 Datasheet HTML 23Page - SMSC Corporation LAN9514 Datasheet HTML 24Page - SMSC Corporation LAN9514 Datasheet HTML 25Page - SMSC Corporation LAN9514 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.0 (11-24-09)
22
SMSC LAN9514/LAN9514i
DATASHEET
Note: EEPROM byte addresses past 39h can be used to store data for any purpose.
Table 3.2 describes the Configuration Flags
2Ch
Max Power (Self) Register (MAXPS)
2Dh
Max Power (Bus) Register (MAXPB)
2Eh
Hub Controller Max Current (Self) Register (HCMCS)
2Fh
Hub Controller Max Current (Bus) Register (HCMCB)
30h
Power-on Time Register (PWRT)
31h
Boost_Up Register (BOOSTUP)
32h
Boost_5 Register (BOOST5)
33h
Boost_4:2 Register (BOOST42)
34h
RESERVED
35h
Port Swap Register (PRTSP)
36h
Port Remap 12 Register (PRTR12)
37h
Port Remap 34 Register (PRTR34)
38h
Port Remap 5 Register (PRTR5)
39h
Status/Command Register (STCD)
Table 3.2 Configuration Flags Description
BIT
NAME
DESCRIPTION
7:3
RESERVED
00000b
2
Remote Wakeup Support
0 = The device does not support remote wakeup.
1 = The device supports remote wakeup.
1
RESERVED
0b
0
Power Method
0 = The device Controller is bus powered.
1 = The device Controller is self powered.
Table 3.1 EEPROM Format (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com