Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 36Page - SMSC Corporation LAN9514 Datasheet HTML 37Page - SMSC Corporation LAN9514 Datasheet HTML 38Page - SMSC Corporation LAN9514 Datasheet HTML 39Page - SMSC Corporation LAN9514 Datasheet HTML 40Page - SMSC Corporation LAN9514 Datasheet HTML 41Page - SMSC Corporation LAN9514 Datasheet HTML 42Page - SMSC Corporation LAN9514 Datasheet HTML 43Page - SMSC Corporation LAN9514 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.0 (11-24-09)
40
SMSC LAN9514/LAN9514i
DATASHEET
4.3
Power Consumption
This section details the power consumption of the device as measured during various modes of
operation. Power dissipation is determined by temperature, supply voltage, and external source/sink
requirements.
4.3.1
Operational Current Consumption & Power Dissipation
Note: All values measured with maximum simultaneous traffic on the Ethernet port and all USB ports.
Note: Magnetic power consumption:
100BASE-TX: ~42mA
10BASE-T: ~104mA
Table 4.1 Operational Current Consumption & Power Dissipation (VDD33IO = VDD33A = 3.3V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
100BASE-TX Full Duplex (USB High-Speed)
Supply current (VDD33IO, VDD33A)
288
mA
Power Dissipation (Device Only)
951
mW
10BASE-T Full Duplex (USB High-Speed)
Supply current (VDD33IO, VDD33A)
243
mA
Power Dissipation (Device Only)
802
mW
10BASE-T Full Duplex (USB Full-Speed)
Supply current (VDD33IO, VDD33A)
180
mA
Power Dissipation (Device Only)
594
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com