Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 25Page - SMSC Corporation LAN9514 Datasheet HTML 26Page - SMSC Corporation LAN9514 Datasheet HTML 27Page - SMSC Corporation LAN9514 Datasheet HTML 28Page - SMSC Corporation LAN9514 Datasheet HTML 29Page - SMSC Corporation LAN9514 Datasheet HTML 30Page - SMSC Corporation LAN9514 Datasheet HTML 31Page - SMSC Corporation LAN9514 Datasheet HTML 32Page - SMSC Corporation LAN9514 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
29
Revision 1.0 (11-24-09)
DATASHEET
Table 3.4 Config Data Byte 1 Register (CFG1) Format
BITS
DESCRIPTION
DEFAULT
7
Self or Bus Power (SELF_BUS_PWR)
Selects between Self or Bus-Powered operation.
0 = Bus-Powered
1 = Self-Powered
The Hub is either Self-Powered (draws less than 2mA of upstream bus
power) or Bus-Powered (limited to a 100mA maximum of upstream power
prior to being configured by the host controller).
When configured as a Bus-Powered device, the SMSC Hub consumes less
than 100mA of current prior to being configured. After configuration, the Bus-
Powered SMSC Hub (along with all associated hub circuitry, any embedded
devices if part of a compound device, and 100mA per externally available
downstream port) must consume no more than 500mA of upstream VBUS
current. The current consumption is system dependent, and the OEM must
ensure that the USB2.0 specifications are not violated.
When configured as a Self-Powered device, <1mA of upstream VBUS
current is consumed and all ports are available, with each port being capable
of sourcing 500mA of current.
1b
6
RESERVED
0b
5
High Speed Disable (HS_DISABLE)
Disables the capability to attach as either a High/Full-Speed device, and
forces attachment as Full-Speed only (no High-Speed support).
0 = High-/Full-Speed
1 = Full-Speed-Only (High-Speed disabled)
0b
4
Multiple TT Enable (MTT_ENABLE)
Enables one transaction translator per port operation.
Selects between a mode where only one transaction translator is available
for all ports (Single-TT), or each port gets a dedicated transaction translator
(Multi-TT) {Note: The host may force Single-TT mode only}.
0 = Single TT for all ports.
1 = One TT per port (multiple TT's supported)
1b
3
EOP Disable (EOP_DISABLE)
Disables EOP generation of EOF1 when in Full-Speed mode. During FS
operation only, this permits the Hub to send EOP if no downstream traffic is
detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification for
additional details.
Note:
Generation of an EOP at the EOF1 point may prevent a Host
controller (operating in FS mode) from placing the USB bus in
suspend.
0 = An EOP is generated at the EOF1 point if no traffic is detected.
1 = EOP generation at EOF1 is disabled (note: this is normal USB
operation).
Note:
This is a rarely used feature in the PC environment, existing drivers
may not have been thoroughly debugged with this feature enabled.
It is included because it is a permitted feature in Chapter 11 of the
USB specification.
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com