Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 31Page - SMSC Corporation LAN9514 Datasheet HTML 32Page - SMSC Corporation LAN9514 Datasheet HTML 33Page - SMSC Corporation LAN9514 Datasheet HTML 34Page - SMSC Corporation LAN9514 Datasheet HTML 35Page - SMSC Corporation LAN9514 Datasheet HTML 36Page - SMSC Corporation LAN9514 Datasheet HTML 37Page - SMSC Corporation LAN9514 Datasheet HTML 38Page - SMSC Corporation LAN9514 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
35
Revision 1.0 (11-24-09)
DATASHEET
Table 3.13 EEPROM Example - 256 Byte EEPROM
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION
00h
A5
EEPROM Programmed Indicator
01h-06h
12 34 56 78 9A BC
MAC Address 12 34 56 78 9A BC
07h
01
Full-Speed Polling Interval for Interrupt Endpoint (1ms)
08h
04
Hi-Speed Polling Interval for Interrupt Endpoint (4ms)
09h
05
Configuration Flags - The device is self powered and supports remote
wakeup.
0Ah-0Bh
09 04
Language ID Descriptor 0409h, English
0Ch
0A
Manufacturer ID String Descriptor Length (10 bytes)
0Dh
1D
Manufacturer ID String Descriptor EEPROM Word Offset (1Dh)
Corresponds to EEPROM Byte Offset 3Ah
0Eh
00
Product Name String Descriptor Length (0 bytes - NA)
0Fh
00
Product Name String Descriptor EEPROM Word Offset (Don’t Care)
10h
00
Serial Number String Descriptor Length (0 bytes - NA)
11h
00
Serial Number String Descriptor EEPROM Word Offset (Don’t Care)
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (Don’t Care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
22h
Hi-Speed Device Descriptor Word Offset (22h)
Corresponds to EEPROM Byte Offset 44h
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
2B
Hi-Speed Configuration and Interface Descriptor Word Offset (2Bh)
Corresponds to EEPROM Byte Offset 56h
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
34
Full-Speed Device Descriptor Word Offset (34h)
Corresponds to EEPROM Byte Offset 68h
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18bytes)
1Dh
3D
Full-Speed Configuration and Interface Descriptor Word Offset (3Dh)
Corresponds to EEPROM Byte Offset 7Ah
1Eh
00
RESERVED
1Fh
00
RESERVED
20h
24
Vendor ID LSB Register (VIDL)
21h
04
Vendor ID MSB Register (VIDM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com