Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 37Page - SMSC Corporation LAN9514 Datasheet HTML 38Page - SMSC Corporation LAN9514 Datasheet HTML 39Page - SMSC Corporation LAN9514 Datasheet HTML 40Page - SMSC Corporation LAN9514 Datasheet HTML 41Page - SMSC Corporation LAN9514 Datasheet HTML 42Page - SMSC Corporation LAN9514 Datasheet HTML 43Page - SMSC Corporation LAN9514 Datasheet HTML 44Page - SMSC Corporation LAN9514 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
41
Revision 1.0 (11-24-09)
DATASHEET
4.4
DC Specifications
Note 4.6
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical)
Table 4.2 I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD33IO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
1.01
1.39
345
-10
1.18
1.6
420
3.6
1.35
1.8
485
10
2.5
V
V
V
V
mV
uA
pF
Schmitt trigger
Schmitt trigger
Note 4.6
IS_5V Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD33IO)
Input Leakage
(VIN = 5.5V)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
IIH
CIN
-0.3
1.01
1.39
345
-10
1.18
1.6
420
5.5
1.35
1.8
485
10
120
3.5
V
V
V
V
mV
uA
uA
pF
Schmitt trigger
Schmitt trigger
Note 4.6
Note 4.6, Note 4.7
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
OD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 12mA
IOH = -12mA
OD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12mA
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.4
0.5
3.6
V
V
Note 4.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com